Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA-4132 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # PSA-4132
Description  Thin-Film Cascadable Amplifier 1000 to 4000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PSA-4132 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  PSA-4132 Datasheet HTML 1Page - Teledyne Technologies Incorporated PSA-4132 Datasheet HTML 2Page - Teledyne Technologies Incorporated PSA-4132 Datasheet HTML 3Page - Teledyne Technologies Incorporated PSA-4132 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Options
Case Drawing
SM-38
Model Number Prefix
Model Number
Screening Option
Blank = No Screening
R = R-Series Screening
PSA – 4132R
0.015
±0.002
4 PL
0.040
0.160 MAX
0.370 SQ
0.005
±0.001
0.094
4 PL
0.102
4 PL
0.050
±0.010
8 PL
0.030
3 PL
CL
0.015
4 PL
0.048
4 PL
0.375 SQ
RFOUT
RFIN
V+
GND
0.025
FULL RADII
4 PL
NOTES (UNLESS OTHERWISE SPECIFIED):
1. MAXIMUM TEMPERATURE EXPOSURE IS 260
°C FOR 10 SECONDS.
2. LEADS ARE FOR TESTING ONLY AND MAY BE TRIMMED FLUSH.
3. DIMENSIONS ARE SPECIFIED IN INCHES
4. TOLERANCES:
xxx
±.01
xxx
±.005
Contact Teledyne Cougar:
408-522-3838
408-522-3839 fax
cougaramps@cougarcorp.com
Check for updates:
www.teledyne-cougar.com


Similar Part No. - PSA-4132

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-40-271 PHIHONG-PSA-40-271 Datasheet
63Kb / 2P
   Disk Drive Power Supply
PSA-4005 PHIHONG-PSA-4005 Datasheet
111Kb / 2P
   Switching Power Supply
PSA-4012 PHIHONG-PSA-4012 Datasheet
111Kb / 2P
   Switching Power Supply
PSA-4015 PHIHONG-PSA-4015 Datasheet
111Kb / 2P
   Switching Power Supply
PSA-4024 PHIHONG-PSA-4024 Datasheet
111Kb / 2P
   Switching Power Supply
More results

Similar Description - PSA-4132

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PSA6232 TELEDYNE-PSA6232 Datasheet
111Kb / 4P
   Thin-Film Cascadable Amplifier 1000 to 4000 MHz
UTOUTC1054 TELEDYNE-UTOUTC1054 Datasheet
186Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1058 TELEDYNE-UTOUTC1058 Datasheet
140Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1023 TELEDYNE-UTOUTC1023 Datasheet
210Kb / 6P
   Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTOUTC1043 TELEDYNE-UTOUTC1043 Datasheet
184Kb / 5P
   Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTM1057 TELEDYNE-UTM1057 Datasheet
129Kb / 4P
   Thin-Film Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com