Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD200125 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # PSD200125
Description  Surface Mount Analog Level Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PSD200125 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  PSD200125 Datasheet HTML 1Page - Teledyne Technologies Incorporated PSD200125 Datasheet HTML 2Page - Teledyne Technologies Incorporated PSD200125 Datasheet HTML 3Page - Teledyne Technologies Incorporated PSD200125 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Pulse Response
Top Trace: Input pulse at Pin = -15 dBm
Bottom Trace: Detector Response
Pulse Response
Top Trace: Input pulse at Pin = -5 dBm
Bottom Trace: Detector Response
-20
-15
-10
-5
0
0
1
2
3
4
5
Return Loss
Frequency - GHz
2001 Series
Typical Performance Over Temperature (@
±15 VDC unless otherwise noted)
Key: +25
°C
+85
°C — . —
–55
°C
Vo = 3.0v
Vo = 1.0v
Vo = .30v
Vo = .10v
Vo = .03v
-20
-15
-10
-5
0
5
10
15
0
1
2
3
4
5
Frequency Response for Constant Vout
Frequency - GHz
0.01
0.1
1
10
-15
-10
-5
0
5
10
Transfer Curve @ 1.0 GHz
Input Power - dBm


Similar Part No. - PSD200125

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
PSD200-170 DACHANG-PSD200-170 Datasheet
175Kb / 5P
   Power Snubber Diode
PSD200-170 DACHANG-PSD200-170_15 Datasheet
175Kb / 5P
   Power Snubber Diode
PSD200-200 DACHANG-PSD200-200 Datasheet
181Kb / 5P
   Power Snubber Diode
PSD200-200 DACHANG-PSD200-200_15 Datasheet
181Kb / 5P
   Power Snubber Diode
PSD200-82 DACHANG-PSD200-82 Datasheet
143Kb / 5P
   Power Snubber Diode
More results

Similar Description - PSD200125

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
   Surface Mount Analog Level Detector
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
logo
Spectrum Microwave, Inc...
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
   Analog Level Detector
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
   Analog Level Detector
logo
API Technologies Corp
TMJ9911 APITECH-TMJ9911 Datasheet
41Kb / 1P
   ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
   Analog Level Detector
logo
API Technologies Corp
LNJ9901 APITECH-LNJ9901 Datasheet
40Kb / 1P
   ANALOG LEVEL DETECTOR
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
   ANALOG LEVEL DETECTOR
logo
Texas Instruments
TL489C TI-TL489C Datasheet
205Kb / 4P
[Old version datasheet]   5-STEP ANALOG LEVEL DETECTOR
TL490C TI-TL490C Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com