Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V215L15TFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V215L15TFI
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V215L15TFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V215L15TFI Datasheet HTML 1Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 2Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 3Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 4Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 5Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 6Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 7Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 8Page - Integrated Device Technology IDT72V215L15TFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V ± 0.3V, TA = -40°C to +85°C)
Commercial
Com'l & Ind'l(1)
Commercial
IDT72V205L10
IDT72V205L15
IDT72V205L20
IDT72V215L10
IDT72V215L15
IDT72V215L20
IDT72V225L10
IDT72V225L15
IDT72V225L20
IDT72V235L10
IDT72V235L15
IDT72V235L20
IDT72V245L10
IDT72V245L15
IDT72V245L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
Data Access Time
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock HIGH Time
4.5
6
8
ns
tCLKL
Clock LOW Time
4.5
6
8
ns
tDS
DataSet-upTime
3
4
5
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
EnableSet-upTime
3
4
5
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(2)
10
15
20
ns
tRSS
ResetSet-upTime
8
10
12
ns
tRSR
Reset Recovery Time
8
10
12
ns
tRSF
Reset to Flag and Output Time
15
15
20
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0—
0—
ns
tOE
Output Enable to Output Valid
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High-Z(3)
16
38
3
10
ns
tWFF
Write Clock to Full Flag
6.5
10
12
ns
tREF
Read Clock to Empty Flag
6.5
10
12
ns
tPAFA
Clock to Asynchronous Programmable Almost-Full Flag
17
20
22
ns
tPAFS
Write Clock to Synchronous ProgrammableAlmost-Full Flag
8
10
12
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
17
20
22
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
8
10
12
ns
tHF
Clock to Half-Full Flag
17
20
22
ns
tXO
Clock to Expansion Out
6.5
10
12
ns
tXI
Expansion In Pulse Width
3
6.5
8
ns
tXIS
Expansion In Set-Up Time
3
5
8
ns
tSKEW1
Skew time between Read Clock & Write Clock for
FF/IR
5—
6—
8—
ns
and
EF/OR
tSKEW2(4)
Skew time between Read Clock & Write Clock for
PAE
14
18
20
ns
and
PAF
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
OutputLoad
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
30pF*
330
3.3V
510
D.U.T.
4294 drw 03
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device. All other speed grades are available by special order.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. tSKEW2 applies to synchronous
PAE and synchronous PAF only.


Similar Part No. - IDT72V215L15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V215 IDT-IDT72V215 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V215 RENESAS-IDT72V215 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - IDT72V215L15TFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com