Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT2222A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMDT2222A
Description  Dual NPN Small Signal Surface Mount Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMDT2222A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMDT2222A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMDT2222A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMDT2222A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Dual NPN Small Signal Surface Mount Transistor
MMDT2222A
E001
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA IE=0
75
-
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA IB=0
40
-
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA IC=0
6
-
V
Collector cut-off current
ICBO
VCB=60V IE=0
VCB=60V IE=0 TA=150℃
-
10
nA
μA
Collector cut-off current
ICEX
VCE=60V IEB(off)=3.0V
-
10
nA
Emitter cut-off current
IEBO
VEB=3V IC=0
-
10
nA
Base Cut-off Current
IBL
VCE=60V IEB(off)=3.0V
-
20
nA
VCE=10V IC=100μA
35
-
VCE=10V IC=1.0mA
50
-
VCE=10V IC=10mA
75
-
VCE=10V IC=150mA
100 300
VCE=10V IC=500mA
40
-
VCE=10V IC=10mA TA=-55℃
50
-
DC current gain
hFE
VCE=1.0V IC=150mA
35
-
-
Collector-emitter saturation voltage
VCE(sat)
IC=150mA IB=15mA
IC=500mA IB=50mA
-
0.3
1.0
V
Base-emitter saturation voltage
VBE(sat)
IC=150mA IB=15mA
IC=500mA IB=50mA
0.6
-
1.2
2.0
V
Transition frequency
fT
VCE=20V IC=20mA f=100MHz
300
MHz
Output Capacitance
Cobo
VCB=10V,f=1.0MHz,IE=0
-
8
pF
Input Capacitance
Cibo
VEB=0.5V,f=1.0MHz,IC=0
-
25
pF
Noise Figure
NF
VCE=10V,f=1.0kHz,IC=100μA
RS=1.0kΩ
-
4.0
dB
Delay time
td
10
ns
Rise time
tr
Vcc=30V, VBE(off)=-0.5V
IC=150mA , IB1= 15mA
25
ns
Storage time
ts
225
ns
Fall time
tf
VCC=30V, IC=150mA
IB1=-IB2=15mA
60
ns


Similar Part No. - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2222A TRSYS-MMDT2222A Datasheet
199Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Bruckewell Technology L...
MMDT2222A BWTECH-MMDT2222A Datasheet
443Kb / 6P
   Dual NPN Small Signal Surface Mount Transistor
logo
Diodes Incorporated
MMDT2222A DIODES-MMDT2222A Datasheet
56Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 5 - 2
logo
GUANGDONG HOTTECH INDUS...
MMDT2222A HOTTECH-MMDT2222A Datasheet
249Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT2222A DIODES-MMDT2222A Datasheet
86Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 9 - 2
More results

Similar Description - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com