Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSH30N60B Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXSH30N60B
Description  High Speed IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH30N60B Datasheet(HTML) 4 Page - IXYS Corporation

  IXSH30N60B Datasheet HTML 1Page - IXYS Corporation IXSH30N60B Datasheet HTML 2Page - IXYS Corporation IXSH30N60B Datasheet HTML 3Page - IXYS Corporation IXSH30N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
D=0.2
V
CE - Volts
0
100
200
300
400
500
600
0.1
1
10
100
Q
g - nanocoulombs
0
25
50
75
100
125
0
3
6
9
12
15
R
G - Ohms
0
1020304050
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
T
J = 125°C
I
C - Amperes
0
204060
80
0.0
2.5
5.0
7.5
0.0
0.5
1.0
1.5
V
CE = 300V
I
C = 30A
I
C =30A
E
(ON)
E
(OFF)
E
(OFF)
E
(OFF)
T
J = 125°C
R
G = 4.7Ω
dV/dt < 5V/ns
D=0.5
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
D = Duty Cycle
R
G = 10Ω
T
J = 125°C
I
C = 60A
I
C = 15A
E
(OFF)
E
(ON)
E
(ON)
E
(ON)
Fig.11 Transient Thermal Impedance
Fig.9 Gate Charge Characteristic Curve
Fig.10 Turn-Off Safe Operating Area
Fig.7 Turn-Off Energy per Pulse and
Fig.8 Dependence of Turn-Off Energy
Fall Time on Collector Current
Per Pulse and Fall Time on R
G
IXSH/IXST 30N60B
IXSH/IXST 30N60C


Similar Part No. - IXSH30N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60B2D1 IXYS-IXSH30N60B2D1 Datasheet
522Kb / 6P
   High Speed IGBT with Diode
IXSH30N60BD1 IXYS-IXSH30N60BD1 Datasheet
119Kb / 5P
   High Speed IGBT with Diode
More results

Similar Description - IXSH30N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
   High Speed IGBT
logo
Inchange Semiconductor ...
ISGM2003 ISC-ISGM2003 Datasheet
562Kb / 4P
   High-Speed IGBT
logo
IXYS Corporation
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
   High Speed IGBT
IXSH40N60 IXYS-IXSH40N60 Datasheet
55Kb / 2P
   High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
   High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
   High Speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
   High-Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
   High speed IGBT
logo
Inchange Semiconductor ...
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
   High-Speed IGBT
logo
IXYS Corporation
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
   Low V IGBT High speed IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com