Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1204 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SA1204
Description  Silicon Planar Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1204 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1204 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1204 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1204 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA1204 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Silicon Planar Epitaxial Transistor
2SA1204
E039
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-emitter breakdown voltage V(BR)CEO
IC=-10mA,IB=0
-30
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-1V,IC=-100mA
VCE=-1V,IC=-700mA
100
35
320
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-20mA
-0.7
V
Base-emitter
VBE
VCE=-1V,IC=-10mA
-0.5
-0.8
V
Transition frequency
fT
VCE=-5V, IC=-10mA
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
19
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
RO
RY


Similar Part No. - 2SA1204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1204 TOSHIBA-2SA1204 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Nanjing International G...
2SA1204 DGNJDZ-2SA1204 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SA1204 TOSHIBA-2SA1204 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1204 KEXIN-2SA1204 Datasheet
363Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1204 TOSHIBA-2SA1204 Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
More results

Similar Description - 2SA1204

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com