Electronic Components Datasheet Search |
|
CC1206MFX7RYBN121 Datasheet(PDF) 3 Page - YAGEO Corporation |
|
CC1206MFX7RYBN121 Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Dec. 9, 2016 V.18 Surface-Mount Ceramic Multilayer Capacitors 3 18 Product specification CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. A cross section of the structure is shown in Fig.1. Fig. 1 Surface mounted multilayer ceramic capacitor construction TYPE L1 (mm) W (mm) T (MM) L2 / L3 (mm) L4 (mm) min. max. min. 0201 0.6 ± 0.03 0.3± 0.03 Refer to table 2 to 13 0.10 0.20 0.20 0402 1.0 ± 0.05 0.5 ± 0.05 0.15 0.30 0.40 0603 1.6 ± 0.10 0.8 ± 0.10 0.20 0.60 0.40 0805 2.0 ± 0.20 1.25 ± 0.20 0.25 0.75 0.55 1206 3.2 ± 0.30 1.6 ± 0.20 0.25 0.75 1.40 1210 3.2 ± 0.30 2.5 ± 0.20 0.25 0.75 1.40 1808 4.5 ± 0.40 2.0 ± 0.30 0.25 0.75 2.20 1812 4.5 ± 0.40 3.2 ± 0.30 0.25 0.75 2.20 Table 1 For outlines see fig. 2 DIMENSION O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension |
Similar Part No. - CC1206MFX7RYBN121 |
|
Similar Description - CC1206MFX7RYBN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |