Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z02W3.0V Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # Z02W3.0V
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z02W3.0V Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  Z02W3.0V Datasheet HTML 1Page - KEC(Korea Electronics) Z02W3.0V Datasheet HTML 2Page - KEC(Korea Electronics) Z02W3.0V Datasheet HTML 3Page - KEC(Korea Electronics) Z02W3.0V Datasheet HTML 4Page - KEC(Korea Electronics) Z02W3.0V Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2001. 7. 9
4/5
Z02W2.0V~24V
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25 )
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz ( )
KNEE Dynamic
Impedance Zzk ( )
Reverse Current
IR( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
Z02W13V
12.40
14.10
5
15
5
110
0.5
0.5
10
X
12.40
13.08
Y
12.88
13.57
Z
13.37
14.10
Z02W15V
13.80
15.60
5
15
5
110
0.5
0.5
11
X
13.80
14.63
Y
14.33
15.11
Z
14.81
15.60
Z02W16V
15.30
17.10
5
18
5
150
0.5
0.5
12
X
15.30
16.10
Y
15.80
16.60
Z
16.30
17.10
Z02W18V
16.80
19.10
5
20
5
150
0.5
0.5
14
X
16.80
17.76
Y
17.46
18.43
Z
18.13
19.10
Z02W20V
18.80
21.20
5
25
5
200
0.5
0.5
15
X
18.80
19.78
Y
19.48
20.46
Z
20.16
21.20
Z02W22V
20.80
23.30
5
30
5
200
0.5
0.5
17
X
20.80
21.88
Y
21.48
22.56
Z
22.16
23.30
Z02W24V
22.80
25.60
5
40
5
200
0.5
0.5
19
X
22.80
24.11
Y
23.61
24.92
Z
24.42
25.60


Similar Part No. - Z02W3.0V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W30V KEC-Z02W30V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W33V KEC-Z02W33V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W36V KEC-Z02W36V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W39V KEC-Z02W39V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results

Similar Description - Z02W3.0V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com