Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M511633E-F1H Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4M511633E-F1H
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M511633E-F1H Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4M511633E-F1H Datasheet HTML 3Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 4Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 5Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 6Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 7Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 8Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 9Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 10Page - Samsung semiconductor K4M511633E-F1H Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4M511633E - Y(P)C/L/F
February 2004
Mobile-SDRAM
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next
higher integer.
2. Minimum delay is required to complete write.
3. Minimum tRDL=2CLK and tDAL(= tRDL + tRP) is required to complete both of last data write command(tRDL) and precharge command(tRP).
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Version
Unit
Note
-75
-1H
-1L
Row active to row active delay
tRRD(min)
15
19
19
ns
1
RAS to CAS delay
tRCD(min)
19
19
24
ns
1
Row precharge time
tRP(min)
19
19
24
ns
1
Row active time
tRAS(min)
45
50
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
64
69
84
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
3
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
0


Similar Part No. - K4M511633E-F1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M511633C-RBF1H SAMSUNG-K4M511633C-RBF1H Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF1L SAMSUNG-K4M511633C-RBF1L Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF75 SAMSUNG-K4M511633C-RBF75 Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBG SAMSUNG-K4M511633C-RBG Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBL SAMSUNG-K4M511633C-RBL Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M511633E-F1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163PC-RBE SAMSUNG-K4M51163PC-RBE Datasheet
115Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LE SAMSUNG-K4M51163LE Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511533F SAMSUNG-K4S511533F Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RN SAMSUNG-K4M511633C-RN Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com