Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219691121E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL219691121E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691121E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL219691121E3 Datasheet HTML 3Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 4Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 5Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 6Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 9Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 10Page - Vishay Siliconix MAL219691121E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
7
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa and RH = 45 % to 75 %.
ORDERING EXAMPLE
Hybrid Storage Capacitor
15 F / 1.4 V
Nominal case size: Ø 12.0 mm x 2.5 mm; Form B3
Ordering code: MAL219691211E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance, tolerance -20 % / +80 %,
measured by constant current discharge method
UCT
Upper category temperature
IL
Max. leakage current after 24 h at UR
RI
Max. internal resistance at 1 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
Ø D x L
D x L x H
(mm)
CASE
CODE
FORM
F
(mm)
F1
(mm)
UCT
(°C)
IL
24 h
(mA)
ESR
AC (1)
1 kHz
(
)
ESR
DC (2)
(
)
MIN.
STORAGE
ENERGY
(Ws)
PACKAGING
QUANTITIES
ORDERING CODE
STACKED THROUGH HOLE CONFIGURATION (STH) - VERTICAL MOUNT
1.4
4 000 000
7.0 x 2.5
2 pin
A2
7.5
-
70
0.03
2.5
7.5
4.6
80
MAL219691101E3
2.8
4 000 000
7.0 x 5.0
2 pin
A2
7.5
-
70
0.03
5.0
15.0
9.2
80
MAL219691102E3
4.2
4 000 000
7.0 x 7.5
2 pin
A2
7.5
-
70
0.03
7.5
22.5
13.8
80
MAL219691103E3
5.6
4 000 000
7.0 x 10.0
2 pin
A2
7.5
-
70
0.03 10.0
30.0
18.4
80
MAL219691104E3
7.0
4 000 000
7.0 x 12.5
2 pin
A2
7.5
-
70
0.03 12.5
37.5
23.0
84
MAL219691105E3
8.4
4 000 000
7.0 x 15.0
2 pin
A2
7.5
-
70
0.03 15.0
45.0
27.6
84
MAL219691106E3
1.4
15 000 000
12.0 x 2.5
2 pin
A2
12.5
-
85
0.12
0.6
2.5
17.5
80
MAL219691201E3
2.8
15 000 000
12.0 x 5.0
2 pin
A2
12.5
-
85
0.12
1.2
5.0
35.0
80
MAL219691202E3
4.2
15 000 000
12.0 x 7.5
2 pin
A2
12.5
-
85
0.12
1.8
7.5
52.5
80
MAL219691203E3
5.6
15 000 000
12.0 x 10.0
2 pin
A2
12.5
-
85
0.12
2.4
10.0
70.0
80
MAL219691204E3
7.0
15 000 000
12.0 x 12.5
2 pin
A2
12.5
-
85
0.12
3.0
12.5
87.5
90
MAL219691205E3
8.4
15 000 000
12.0 x 15.0
2 pin
A2
12.5
-
85
0.12
3.6
15.0
105.0
90
MAL219691206E3
STACKED THROUGH HOLE CONFIGURATION (STH) - HORIZONTAL MOUNT
1.4
4 000 000
7.0 x 2.5
2 pin
B2
3.2
-
70
0.03
2.5
7.5
4.6
100
MAL219691121E3
2.8
4 000 000
7.0 x 5.0
2 pin
B2
5.4
-
70
0.03
5.0
15.0
9.2
100
MAL219691122E3
4.2
4 000 000
7.0 x 7.5
2 pin
B2
7.5
-
70
0.03
7.5
22.5
13.8
96
MAL219691123E3
5.6
4 000 000
7.0 x 10.0
2 pin
B2
8.8
-
70
0.03 10.0
30.0
18.4
96
MAL219691124E3
7.0
4 000 000
7.0 x 12.5
2 pin
B2
12
-
70
0.03 12.5
37.5
23.0
60
MAL219691125E3
8.4
4 000 000
7.0 x 15.0
2 pin
B2
14.5
-
70
0.03 15.0
45.0
27.6
60
MAL219691126E3
1.4
15 000 000
12.0 x 2.5
2 pin
B2
3.2
-
85
0.12
0.6
2.5
17.5
100
MAL219691221E3
2.8
15 000 000
12.0 x 5.0
2 pin
B2
5.8
-
85
0.12
1.2
5.0
35.0
100
MAL219691222E3
4.2
15 000 000
12.0 x 7.5
2 pin
B2
8.3
-
85
0.12
1.8
7.5
52.5
80
MAL219691223E3
5.6
15 000 000
12.0 x 10.0
2 pin
B2
11.0
-
85
0.12
2.4
10.0
70.0
90
MAL219691224E3
7.0
15 000 000
12.0 x 12.5
2 pin
B2
13.4
-
85
0.12
3.0
12.5
87.5
40
MAL219691225E3
8.4
15 000 000
12.0 x 15.0
2 pin
B2
15.7
-
85
0.12
3.6
15.0
105.0
40
MAL219691226E3
1.4
4 000 000
7.0 x 2.5
3 pin
B3
2.8
2.5
70
0.03
2.5
7.5
4.6
100
MAL219691111E3
2.8
4 000 000
7.0 x 5.0
3 pin
B3
5.1
2.5
70
0.03
5.0
15.0
9.2
100
MAL219691112E3
4.2
4 000 000
7.0 x 7.5
3 pin
B3
7.5
2.5
70
0.03
7.5
22.5
13.8
96
MAL219691113E3
5.6
4 000 000
7.0 x 10.0
3 pin
B3
10.0
2.5
70
0.03 10.0
30.0
18.4
96
MAL219691114E3
7.0
4 000 000
7.0 x 12.5
3 pin
B3
12.0
2.5
70
0.03 12.5
37.5
23.0
60
MAL219691115E3
8.4
4 000 000
7.0 x 15.0
3 pin
B3
14.5
2.5
70
0.03 15.0
45.0
27.6
60
MAL219691116E3
1.4
15 000 000
12.0 x 2.5
3 pin
B3
3.2
5.0
85
0.12
0.6
2.5
17.5
100
MAL219691211E3
2.8
15 000 000
12.0 x 5.0
3 pin
B3
5.8
5.0
85
0.12
1.2
5.0
35.0
100
MAL219691212E3
4.2
15 000 000
12.0 x 7.5
3 pin
B3
8.0
5.0
85
0.12
1.8
7.5
52.5
80
MAL219691213E3
5.6
15 000 000
12.0 x 10.0
3 pin
B3
11.0
5.0
85
0.12
2.4
10.0
70.0
90
MAL219691214E3
7.0
15 000 000
12.0 x 12.5
3 pin
B3
13.0
5.0
85
0.12
3.0
12.5
87.5
40
MAL219691215E3
8.4
15 000 000
12.0 x 15.0
3 pin
B3
16.0
5.0
85
0.12
3.6
15.0
105.0
40
MAL219691216E3


Similar Part No. - MAL219691121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691121E3 VISHAY-MAL219691121E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691121E3 VISHAY-MAL219691121E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com