Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219691124E3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MAL219691124E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691124E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MAL219691124E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 9Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 10Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 11Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 12Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 13Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 14Page - Vishay Siliconix MAL219691124E3 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
11
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 22 - Typical Backup Time as a Function of Discharge Current
Fig. 23 - Typical Backup Time as a Function of Discharge Current
CHARGE CHARACTERISTICS
Fig. 24 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 4 F / 5.6 V
Fig. 25 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 4 F / 5.6 V
Fig. 26 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 15 F / 5.6 V
Fig. 27 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 15 F / 5.6 V
Note
• Charge and discharge cycles at room temperature (RT) - maximal 50 000 cycles at room temperature allowed!
10
10
2
110
100
Backup
time
(s)
Discharge current (mA)
1
10
3
10
4
10
5
1000
C = 45 F (2.8 V to 5.6 V)
10
10
2
110
100
Backup
time
(s)
Discharge current (mA)
1
10
3
10
4
10
5
10
6
1000
10 000
C = 90 F (1.4 V to 8.4 V)
0
1
2
3
4
5
6
-5
-2.5
0
2.5
5
7.5
10
0
5
10
15
20
25
t (min)
Charge cc 4 mA/5.6 V and discharge 4 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-5
-2.5
0
2.5
5
7.5
10
0
10203540506070
80
t (min)
Charge cccv 4 mA/5.6 V + 30 min and discharge 4 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-20
-10
0
10
20
30
40
0
5
10
15
20
25
30
35
40
45
50
t (min)
Charge cc 10 mA/5.6 V and discharge 15 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-20
-10
0
10
20
30
40
0
1020354050607080
90
t (min)
Voltage
Current
Charge cccv 10 mA/5.6 V + 30 min and discharge 15 mA/3.2 V


Similar Part No. - MAL219691124E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691124E3 VISHAY-MAL219691124E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691124E3 VISHAY-MAL219691124E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691124E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com