Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66193135 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 66193135
Description  PTC Thermistors, Overload Protection For Telecommunication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

66193135 Datasheet(HTML) 3 Page - Vishay Siliconix

  66193135 Datasheet HTML 1Page - Vishay Siliconix 66193135 Datasheet HTML 2Page - Vishay Siliconix 66193135 Datasheet HTML 3Page - Vishay Siliconix 66193135 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2322 66. 9....
PTC Thermistors, Overload Protection
For Telecommunication
Vishay BCcomponents
Document Number: 29070
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 10-Oct-03
165
Notes
1. Taped in accordance with “IEC 60286-2”; standard packaging: 1500 units/reel.
2. Naked disc ceramic for substrate mounting, available on request.
3. Insulated version is also available.
7.0
4.0
2.5 ±0.5
10.0
taped H0 = 16 mm
661 93121
8.5
4.0
2.5 ±0.5
4.1 ±0.5
11.5
bulk
661 93124
8.5
4.0
2.5 ±0.5
11.5
taped H0 = 16 mm
661 93146
8.5
4.0
2.5 ±0.5
4.1 ±0.5
11.5
bulk
661 93135
8.0
5.0
2.5 ±0.5
11.0
taped H0 = 16 mm
661 93056
8.5
4.0
2.0 ±0.5
11.0
taped H0 = 16 mm
661 93139
10.5
5.0
2.0 ±0.5
12.6
taped H0 = 16 mm
662 93129
13
5.5
4.0 ±1.0
20 min.
18.0
bulk
662 93114
13
5.5
4.0 ±1.0
20 min.
18.0
bulk
662 93131
D
MAX.
T
MAX.
H2
L1
H3
MAX.
PACKAGING(1)(2)
CATALOG
NUMBER
2322 ... .....
PACKAGING
All tape and reel specifications are in accordance with “IEC 60286-3”. Basic dimensions are given in the drawing below, the
Dimensions of the Reel drawing, and tape and other Devices and Reel Dimensions tables.
TAPE SPECIFICATIONS
P0
D
P
d
P1
F
D0
L
W0
W1
W2
W
H 0
H
T
1
H 2
H 3
∆p
∆p
MBE473
15
5
oo
0
0.2
∆h
∆h
t
T
Thermistors with ∅D ≤ 12 mm on tape for 2322 66. 9....
For dimensions, see Tape
and other Devices table.
TAPE AND OTHER DEVICE DIMENSIONS in millimeters
SYMBOL
PARAMETER
DIMENSIONS
TOLERANCE
REMARKS
D
body diameter
see Specific Physical
Dimensions table
±0.5
T
total maximum thickness
see Specific Physical Dimensions table
d
lead diameter
0.6
±10%
P
pitch between thermistors:
∅ < 12 mm
12.7
±1
∅ ≥ 12 mm
25.4
±2
P0
feed hole pitch
12.7
±0.3
cumulative pitch error ±1 mm/20 pitches
P1
feed hole centre to lead centre
3.81
±0.7
guaranteed between component and tape
∆h
component alignment
0
±1.3


Similar Part No. - 66193135

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66193 MICROPAC-66193 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-001 MICROPAC-66193-001 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-011 MICROPAC-66193-011 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-101 MICROPAC-66193-101 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
More results

Similar Description - 66193135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com