Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB016040BC501BJ1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DB016040BC501BJ1
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB016040BC501BJ1 Datasheet(HTML) 2 Page - Vishay Siliconix

  DB016040BC501BJ1 Datasheet HTML 1Page - Vishay Siliconix DB016040BC501BJ1 Datasheet HTML 2Page - Vishay Siliconix DB016040BC501BJ1 Datasheet HTML 3Page - Vishay Siliconix DB016040BC501BJ1 Datasheet HTML 4Page - Vishay Siliconix DB016040BC501BJ1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DB 016030, DB 016040, DB 016060
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22115
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
• Use two wrenches when tightening the nuts on both sides of the conductor rod.
The outer electrode terminal flange of these feed-through capacitors components should be fixed after tightening the inner
electrode’s connection.
• Make sure that not too much force applied to the solder connections between hardware and noble metal electrode. A torque
less than 3.5 Nm (31 lbf in) is recommended.
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
TYPE DB 016030
DB016030BC201##BJ1
R85
200
3.0
4.0
5.0
10.0
DB016030BC401##BJ1
400
DB016030BC601##BJ1
600
TYPE DB 016040
DB016040BC501##BJ1
R85
500
3.0
5.0
5.0
10.0
DB016040BC701##BJ1
700
DB016040BC801##BJ1
800
TYPE DB 016060
DB016060BD801##BJ1
R85
800
4.0
7.5
5.0
10.0
DB016060BC102##BJ1
1000
3.0
DB016060BC122##BJ1
1200
DB016060BC152##BJ1
1500
DB016060BC252##BK1
R230
2500
DIMENSIONS in millimeters (inches)
M 4 Thread
=
=
0.5
(0.020)
DB 016030: 30 (1.18)
DB 016040: 40 (1.57)
DB 016060: 60 (2.36)
10 ± 1
(0.39 ± 0.04)
Ø 34.0 ± 0.3
(1.339 ± 0.012 Dia.)
Ø 4.2 + 0.2
(0.165 + 0.008 Dia.)
Ø 26.0 ± 0.3
(1.024 ± 0.012 Dia.)


Similar Part No. - DB016040BC501BJ1

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DB01 ZSELEC-DB01 Datasheet
85Kb / 2P
   1.0A PASSIVATED BRIDGE RECTIFIER
logo
Faraday Technology
DB01A FARADAY-DB01A Datasheet
88Kb / 2P
   SMD VIDEO DELAY LINES
logo
Delta Electronics, Inc.
DB01D0303A DELTA-DB01D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB01D0303A DELTA-DB01D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DB01D0503A DELTA-DB01D0503A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DB016040BC501BJ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 26-Feb-16
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
   Feed-Through Capacitors with Conductor Rod
Revision: 07-Feb-06
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 25-Feb-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com