Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB050180 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DB050180
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB050180 Datasheet(HTML) 2 Page - Vishay Siliconix

  DB050180 Datasheet HTML 1Page - Vishay Siliconix DB050180 Datasheet HTML 2Page - Vishay Siliconix DB050180 Datasheet HTML 3Page - Vishay Siliconix DB050180 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB 050110, DB 050180
www.vishay.com
Vishay Draloric
Revision: 26-Feb-16
2
Document Number: 22105
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
TYPE DB 050110
DB050110BJ202##BK1
R230
2000
15.0
Max. 200.0
75.0
50.0
TYPE DB 050180
DB050180WP102##BJ1
R85
1000
20.0
70.0
50.0
70.0
DB050180WP152##BJ1
1500
DB050180WP302##BK1
R230
3000
100.0
60.0
DIMENSIONS in millimeters (inches)
DB 050110
DB 050180
M8 thread
(both ends)
(2.95 Dia.)
SW14
(0.55 HEX)
60°
60°
Ø 50
Ø 75
6 + 1
(0.24 + 0.04)
2
(0.08)
Ø 6.3 + 0.3 (0.248 + 0.012 Dia.)
60°
60°
M10 thread
(both ends)
2
(0.08)
SW17
(0.67 HEX)
Ø 6.3 + 0.3 (0.248 + 0.012 Dia.)
(1.97 Dia.)
Ø 50
(1.97 Dia.)
Ø 85
(3.35 Dia.)


Similar Part No. - DB050180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB055135 VISHAY-DB055135 Datasheet
255Kb / 3P
   Feed-Through Capacitors with R 16 High Q Ceramic
Revision: 21-Feb-02
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135WP10136CB1 VISHAY-DB055135WP10136CB1 Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
logo
Faraday Technology
DB05A FARADAY-DB05A Datasheet
88Kb / 2P
   SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DB05A FUMAN-DB05A Datasheet
421Kb / 6P
   1A charger driver IC
More results

Similar Description - DB050180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
   Feed-Through Capacitors with Conductor Rod
Revision: 07-Feb-06
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 25-Feb-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com