Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219690106E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL219690106E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219690106E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL219690106E3 Datasheet HTML 1Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 2Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 3Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 4Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 5Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 6Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 7Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 8Page - Vishay Siliconix MAL219690106E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
3
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
STACKED THROUGH HOLE CONFIGURATION (STH): Examples VERTICAL MOUNT
Fig. 1 - Form A2: Stacked Through Hole (example 4 cells, 2 pins) (1)
STACKED THROUGH HOLE CONFIGURATION (STH): Examples HORIZONTAL MOUNT
Fig. 2 - Form B2: Stacked Through Hole (example 5 cells, 2 pins) (1)
Fig. 3 - Form B3: Stacked Through Hole (example 4 cells, keyed polarity - 3 pins) (1)
Note
(1) Bottom and top are not isolated.
SURFACE MOUNT FLAT CONFIGURATION (SMF): Examples
Fig. 4 - Form C: Surface Mount Flat (single cell, keyed polarity)
L
max.
Ø D
max.
F
+
+
-
-
-
Ø 0.8
Ø 0.64
6
(2 x)
+ 0.5
- 0.5
L
max.
Ø D
max.
F
+
-
Ø 0.64
3.5
(2 x)
+ 0.5
- 0.5
L
max.
F
Ø 0.64 (3 x)
F
1
+
-
Ø D
max.
3.5
(3 x)
+ 0.5
- 0.5
3 (2 x)
0.1 (2 x)
0.5 (2 x)
3.8 max.
1
3.5
(2 x)
+ 0.5
- 0.5
4
(2 x)
+ 0.5
- 0.5
L
max.
Ø D
max.
+
-


Similar Part No. - MAL219690106E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219690106E3 VISHAY-MAL219690106E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219690106E3 VISHAY-MAL219690106E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219690106E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com