Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3016D Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA3016D
Description  SPINDLE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3016D Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA3016D Datasheet HTML 1Page - Fairchild Semiconductor KA3016D Datasheet HTML 2Page - Fairchild Semiconductor KA3016D Datasheet HTML 3Page - Fairchild Semiconductor KA3016D Datasheet HTML 4Page - Fairchild Semiconductor KA3016D Datasheet HTML 5Page - Fairchild Semiconductor KA3016D Datasheet HTML 6Page - Fairchild Semiconductor KA3016D Datasheet HTML 7Page - Fairchild Semiconductor KA3016D Datasheet HTML 8Page - Fairchild Semiconductor KA3016D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
KA3016D
CD-ROM PRODUCTS
4
MIC-99D001
January 1999
ABSOLUTE MAXIMUM RATING (Ta=25
°°C)
NOTE:
1.
When mounted on 76.2mm
× 114mm × 1.57mm PCB (Phenolic resin material)
2.
Power dissipation is reduced 13.6 mV /
°C for using above Ta=25°C
3.
Do not exceed Pd and SOA (Safe operating area).
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Value
Unit
Maximum supply voltage (Signal)
VCCMAX
7
V
Maximum supply voltage (Motor)
VMMAX
18
V
Power dissipation
PD
1.7note
W
Maximum output current
IOMAX
1.3
A
Operating temperature range
TOPR
−25 ~ +75
°C
Storage temperature range
TSTG
−55 ~ +150
°C
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
4.5
5
5.5
V
Motor supply voltage
VM
3.0
12
15
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]
SOA


Similar Part No. - KA3016D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
More results

Similar Description - KA3016D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
   FDD Spindle Motor Driver
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
   FDD Spindle Motor Driver
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
   FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com