Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC533 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIC533
Description  35 A VRPower® Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC533 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIC533 Datasheet HTML 7Page - Vishay Siliconix SIC533 Datasheet HTML 8Page - Vishay Siliconix SIC533 Datasheet HTML 9Page - Vishay Siliconix SIC533 Datasheet HTML 10Page - Vishay Siliconix SIC533 Datasheet HTML 11Page - Vishay Siliconix SIC533 Datasheet HTML 12Page - Vishay Siliconix SIC533 Datasheet HTML 13Page - Vishay Siliconix SIC533 Datasheet HTML 14Page - Vishay Siliconix SIC533 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SiC533
www.vishay.com
Vishay Siliconix
S16-2309-Rev. A, 14-Nov-16
11
Document Number: 75010
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 5: Signal Routing
1. Route the PWM and ZCD_EN# signal traces out of the
top left corner next to pin 1.
2. The PWM signal is an important signal, both signal and
return traces should not cross any power nodes on any
layer.
3. It is best to “shield” these traces from power switching
nodes, e.g. VSWH, with a GND island to improve signal
integrity.
4. GL (pin 19) has been connected with GL pad (pin 24)
internally.
Step 6: Adding Thermal Relief Vias
1. Thermal relief vias can be added on the VIN and AGND
pads to utilize inner layers for high-current and thermal
dissipation.
2. To achieve better thermal performance, additional vias
can be placed on VIN plane and PGND plane.
3. VSWH pad is a noise source, it is not recommended to
place vias on this pad.
4. 8 mil vias for pads and 10 mils vias for planes are the
optimal via sizes. Vias on pad may drain solder during
assembly and cause assembly issues. Consult with the
assembly house for guidelines.
Step 7: Ground Connection
1. It is recommended to make a single connection between
AGND and PGND which can be made on the top layer.
2. It is recommended to make the entire first inner layer
(below top layer) the ground plane and separate them
into AGND and PGND planes.
3. These ground planes provide shielding between noise
sources on top layer and signal traces on bottom layer.
PGND
AGND
AGND
VIN Plane
PGND Plane
VSWH
PGND
VIN
AGND
VSWH
PGND
AGND


Similar Part No. - SIC533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC533 VISHAY-SIC533 Datasheet
340Kb / 16P
   35 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC533CD-T1-GE3 VISHAY-SIC533CD-T1-GE3 Datasheet
340Kb / 16P
   35 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC533DB VISHAY-SIC533DB Datasheet
340Kb / 16P
   35 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC533 VISHAY-SIC533_V01 Datasheet
340Kb / 16P
   35 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com