Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP4040DZER100M11 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IHLP4040DZER100M11
Description  4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP4040DZER100M11 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button IHLP4040DZER100M11 Datasheet HTML 2Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 3Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 4Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 5Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 6Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 7Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 8Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 9Page - Vishay Siliconix IHLP4040DZER100M11 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SiC462
www.vishay.com
Vishay Siliconix
S17-0360-Rev. D, 13-Mar-17
6
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
Fig. 3 - SiC462 Functional Block Diagram
V
IN
V
FB
P
GOOD
5 μA
Current
source
0.8 V
I
LIMIT
MODE
EN
Bandgap
Ref
Driver
LDO
25 kHz
DC
Restore
Control logic
and
driver
V
DRV
V
CIN
On
timer
f
sw
V
CIN
Error
Amp
Over
temp
Internal
LDO
Current
sense
COMP
V
SNS
SW
SS
Comp
Zero current
DET
Sync. rectifier
Off
timer
V
DRV
V
DD
GL
UVLO
V
DD
5 μA
Ref
MODE
BOOT
Over
voltage
PWM
Comp
Ref
Ramp
Ultrasonic
PHASE
P
GND
Under
voltage
A
GND
5 μA
Ref
V
FB
SW
SW


Similar Part No. - IHLP4040DZER100M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
More results

Similar Description - IHLP4040DZER100M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com