Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2C5-35701202E0900 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # L2C5-35701202E0900
Description  LUXEON CoB Core Range (Gen 3)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C5-35701202E0900 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button L2C5-35701202E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 5Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 6Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 7Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 8Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 9Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 10Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 11Page - Lumileds Lighting Company L2C5-35701202E0900 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DS162 LUXEON CoB Core Range (Gen 3) Product Datasheet 20161102 ©2016 Lumileds Holding B.V. All rights reserved.
7
Optical Characteristics
Table 2. Optical characteristics for LUXEON CoB Core Range (Gen 3) at specified test current, T
j=85°C .
Part numBer
tyPIcal total Included anGle [1]
tyPIcal VIeWInG anGle [2]
L2C5-xxxx12xxExx00
135°
115°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON CoB Core Range (Gen 3) at specified test current, T
j=85°C .
Part numBer
ForWard VoltaGe [1] (V
f)
tyPIcal temPerature
coeFFIcIent oF ForWard
VoltaGe [2] (mV/°c)
tyPIcal thermal
resIstance—JunctIon
to case [3] (°c/W)
mInImum
tyPIcal
maXImum
L2C5-xxxx1202E0600
32.5
34.5
37.5
-16
0.98
L2C5-xxxx1202E0900
32.5
34.5
37.5
-16
0.98
L2C5-xxxx1203E0900
32.5
34.5
37.5
-16
0.70
L2C5-xxxx1204E1300
32.5
34.8
37.5
-16
0.55
L2C5-xxxx1205E1300
32.5
35.0
37.5
-16
0.51
L2C5-xxxx1208E1500
32.5
34.8
37.5
-16
0.29
L2C5-xxxx1211E1900
32.5
34.8
37.5
-16
0.23
L2C5-xxxx1216E2300
32.5
34.5
37.5
-16
0.14
Notes for Table 3:
1. Lumileds maintains a tolerance of ±2% on forward voltage measurements.
2. Measured between 25°C and 85°C.
3. Thermal resistance is measured between junction and the bottom of the LUXEON CoB substrate.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON CoB Core Range (Gen 3) .
Parameter
maXImum PerFormance
DC Forward Current [1,2]
2x test current
LED Junction Temperature [1] (DC & Pulse)
125°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 105°C
LED Storage Temperature
-40°C to 120°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed 20% of the maximum allowable DC forward current


Similar Part No. - L2C5-35701202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-35701202E0900 LUMILEDS-L2C5-35701202E0900 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
L2C5-35701202E0900 LUMILEDS-L2C5-35701202E0900 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
L2C5-35701202E0900 LUMILEDS-L2C5-35701202E0900 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
More results

Similar Description - L2C5-35701202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-57801202E0600 LUMILEDS-L2C2-57801202E0600 Datasheet
3Mb / 28P
   LUXEON CoB Core Range (Gen 2)
L2C3-3080205E06000 LUMILEDS-L2C3-3080205E06000 Datasheet
2Mb / 16P
   LUXEON CoB Compact Range (Gen 2)
L2C5-30901203E09C0 LUMILEDS-L2C5-30901203E09C0 Datasheet
2Mb / 19P
   LUXEON CoB with CrispWhite Technology (Gen 2)
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
KU551 DFI-KU551 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5
WL551 DFI-WL551 Datasheet
781Kb / 4P
   8th Gen Intel Core 3.5
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
   4th Gen Intel Core COM ExpressBasic
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
KU553 DFI-KU553 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5 SBC
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
   6th/7th Gen Intel Core Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com