Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2C5-57701202E0900 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L2C5-57701202E0900
Description  LUXEON CoB Core Range (Gen 3)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C5-57701202E0900 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L2C5-57701202E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 5Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 6Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 7Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 8Page - Lumileds Lighting Company L2C5-57701202E0900 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DS162 LUXEON CoB Core Range (Gen 3) Product Datasheet 20161102 ©2016 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1. Product performance of LUXEON CoB Core Range (Gen 3) at specified test current, T
j=85ºC .
Product nomInal
cct
mInImum
crI [1, 2, 3]
lumInous FluX [1] (lm)
tyPIcal
lumInous
eFFIcacy (lm/W)
test
current
(ma)
les [4]
(mm)
Part numBer
mInImum
tyPIcal
LUXEON
CoB
1202s
2200K
80
675
750
109
200
6
L2C5-22801202E0600
2700K
80
797
886
128
200
6
L2C5-27801202E0600
3000K
80
837
930
135
200
6
L2C5-30801202E0600
3500K
80
854
949
138
200
6
L2C5-35801202E0600
4000K
80
863
959
139
200
6
L2C5-40801202E0600
5000K
80
863
959
139
200
6
L2C5-50801202E0600
2200K [5]
90
589
654
95
200
6
L2C5-22901202E0600
2700K
90
662
736
107
200
6
L2C5-27901202E0600
3000K
90
689
766
111
200
6
L2C5-30901202E0600
3500K
90
725
805
117
200
6
L2C5-35901202E0600
4000K
90
742
824
119
200
6
L2C5-40901202E0600
LUXEON
CoB
1202
3000K
70
923
1026
149
200
9
L2C5-30701202E0900
3500K
70
923
1026
149
200
9
L2C5-35701202E0900
4000K
70
968
1075
156
200
9
L2C5-40701202E0900
5000K
70
968
1075
156
200
9
L2C5-50701202E0900
5700K
70
942
1047
152
200
9
L2C5-57701202E0900
2200K
80
703
781
113
200
9
L2C5-22801202E0900
2700K
80
830
922
134
200
9
L2C5-27801202E0900
3000K
80
876
973
141
200
9
L2C5-30801202E0900
3500K
80
893
992
144
200
9
L2C5-35801202E0900
4000K
80
899
999
145
200
9
L2C5-40801202E0900
5000K
80
899
999
145
200
9
L2C5-50801202E0900
2200K [5]
90
625
694
101
200
9
L2C5-22901202E0900
2700K
90
690
766
111
200
9
L2C5-27901202E0900
3000K
90
729
810
117
200
9
L2C5-30901202E0900
3500K
90
752
836
121
200
9
L2C5-35901202E0900
4000K
90
772
858
124
200
9
L2C5-40901202E0900
Table 1 continued on next page.
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
3. R9 value of 90CRI products is >50.
4. Light Emitting Surface (LES) is the inner diameter (phosphor area) inside the dam.
5. AtmoSphere Technology creates the ideal ambiance for restaurants and other hospitality venues.


Similar Part No. - L2C5-57701202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-57701202E0900 LUMILEDS-L2C5-57701202E0900 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
L2C5-57701202E0900 LUMILEDS-L2C5-57701202E0900 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
L2C5-57701202E0900 LUMILEDS-L2C5-57701202E0900 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
More results

Similar Description - L2C5-57701202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-57801202E0600 LUMILEDS-L2C2-57801202E0600 Datasheet
3Mb / 28P
   LUXEON CoB Core Range (Gen 2)
L2C3-3080205E06000 LUMILEDS-L2C3-3080205E06000 Datasheet
2Mb / 16P
   LUXEON CoB Compact Range (Gen 2)
L2C5-30901203E09C0 LUMILEDS-L2C5-30901203E09C0 Datasheet
2Mb / 19P
   LUXEON CoB with CrispWhite Technology (Gen 2)
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
KU551 DFI-KU551 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5
WL551 DFI-WL551 Datasheet
781Kb / 4P
   8th Gen Intel Core 3.5
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
   4th Gen Intel Core COM ExpressBasic
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
KU553 DFI-KU553 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5 SBC
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
   6th/7th Gen Intel Core Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com