Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2C5-35801202E0900 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L2C5-35801202E0900
Description  LUXEON CoB Core Range (Gen 3)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C5-35801202E0900 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L2C5-35801202E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 5Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 6Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 7Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 8Page - Lumileds Lighting Company L2C5-35801202E0900 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS162 LUXEON CoB Core Range (Gen 3) Product Datasheet 20161102 ©2016 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON CoB Core Range (Gen 3) LEDs are tested and binned with a DC drive current specified below at a junction temperature,
T
j, of 85°C:
200mA
LUXEON CoB 1202s
200mA
LUXEON CoB 1202
300mA
LUXEON CoB 1203
450mA
LUXEON CoB 1204
600mA
LUXEON CoB 1205
900mA
LUXEON CoB 1208
1200mA
LUXEON CoB 1211
1600mA
LUXEON CoB 1216
Part Number Nomenclature
Part numbers for LUXEON CoB Core Range (Gen 3) follow the convention below:
L 2 C 5 –
A A B B C C C C E D D F F
Where:
A A
designates nominal CCT (22=2200K, 27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K,
57=5700K, 65=6500K)
B B
designates minimum CRI (70=70CRI, 80=80CRI, 90=90CRI)
C C C C
designates product configuration (example: 1202, 1203, 1204, 1205, 1208, 1211, 1216)
D D
designates light emitting surface (LES) size (06=6mm, 09=9mm, 13=13mm, 15=15mm,
19=19mm, 23=23mm)
F F
designates options for product specification
Therefore, the following part number is used for a LUXEON CoB 1203, 3000K 80CRI, with a 9mm LES:
L 2 C 5 –
3 0 8 0 1 2 0 3 E 0 9 0 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the
long-term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON CoB Core
Range (Gen 3) is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the
following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated diphenyl ethers (PBDE).


Similar Part No. - L2C5-35801202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-35801202E0900 LUMILEDS-L2C5-35801202E0900 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
L2C5-35801202E0900 LUMILEDS-L2C5-35801202E0900 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
L2C5-35801202E0900 LUMILEDS-L2C5-35801202E0900 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
More results

Similar Description - L2C5-35801202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-57801202E0600 LUMILEDS-L2C2-57801202E0600 Datasheet
3Mb / 28P
   LUXEON CoB Core Range (Gen 2)
L2C3-3080205E06000 LUMILEDS-L2C3-3080205E06000 Datasheet
2Mb / 16P
   LUXEON CoB Compact Range (Gen 2)
L2C5-30901203E09C0 LUMILEDS-L2C5-30901203E09C0 Datasheet
2Mb / 19P
   LUXEON CoB with CrispWhite Technology (Gen 2)
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
   4th Gen Intel Core 3.5
KU551 DFI-KU551 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5
WL551 DFI-WL551 Datasheet
781Kb / 4P
   8th Gen Intel Core 3.5
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
   4th Gen Intel Core COM ExpressBasic
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
KU553 DFI-KU553 Datasheet
1Mb / 2P
   7th Gen Intel Core 3.5 SBC
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
   6th/7th Gen Intel Core Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com