Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNSSDM700-5800SSS Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GNSSDM700-5800SSS
Description  MOUNT ANTENNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GNSSDM700-5800SSS Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GNSSDM700-5800SSS Datasheet HTML 1Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 2Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 3Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 4Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 5Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 6Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 7Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 8Page - Pulse A Technitrol Company GNSSDM700-5800SSS Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description: 4G/WiFi/Active GNSS Direct
Mount Antenna
PART NUMBER: GNSSDM700/5800SSS
Series: SharkFin
Issue: 1709
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
15255 Innovation Drive #100
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
18110 SE 34th St Bldg 2 Suite 250
Features:
Applications:
All dimensions are in mm / inches
• 3-Feeds (4G, WiFi, GNSS)
• GNSS Active Antenna
• LNA gain 30dB
• Pre and post LNA filtering
• Direct mount
• Connector SMA Male
• Cable 17 feet
• RoHS compliant
• 4G LTE 698-2700MHz
• WiFi dualband 2.4/5GHz
• DSRC 5850-5925GHz
• GNSS (Beidou, GPS,
Galileo, Glonass)
• Vehicular mounting
• Asset Tracking, Navigation,
Fleet Management
• Mobile and Fixed broadband
1


Similar Part No. - GNSSDM700-5800SSS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GNSSDM700 PULSE-GNSSDM700 Datasheet
2Mb / 18P
   WiFi /Active GNSS Direct Mount Antenna
More results

Similar Description - GNSSDM700-5800SSS

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA209.A.LB.001 TAOGLAS-MA209.A.LB.001 Datasheet
3Mb / 22P
   Adhesive Mount IP67 Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
   Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
   Permanent Mount External Antenna
logo
Pulse A Technitrol Comp...
GPSMB60 PULSE-GPSMB60 Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
W3796 PULSE-W3796 Datasheet
1Mb / 14P
   LTE Surface Mount ANTENNA
logo
Taoglas antenna solutio...
MA208.A.AB.007 TAOGLAS-MA208.A.AB.007 Datasheet
1Mb / 20P
   Adhesive Mount IP67 Antenna
TL.10.1HH11W TAOGLAS-TL.10.1HH11W_17 Datasheet
2Mb / 22P
   WIDEBAND DIRECT MOUNT ANTENNA
logo
Laird Tech Smart Techno...
D-PUCK LSTD-D-PUCK Datasheet
801Kb / 1P
   Internal Antenna Surface Mount
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
   Permanent Mount External Antenna
TL.10.1HH11 TAOGLAS-TL.10.1HH11_17 Datasheet
1Mb / 24P
   Wideband Direct Mount antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com