Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-A67K-K1L2-1-Z Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LS-A67K-K1L2-1-Z
Description  SIDELED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-A67K-K1L2-1-Z Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LS-A67K-K1L2-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 9Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 10Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 11Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 12Page - OSRAM GmbH LS-A67K-K1L2-1-Z Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Version 1.3
LS A67K
2014-01-08
9
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
OHL01429
0
I
F
T
0
mA
20
40
60
80 ˚C 100
5
10
15
20
25
T
A
T
S
A
T temp. ambient
S
T temp. solder point
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02442
T
t
P
I
F
0.02
0.04
0.06
0.08
0.10
0.12
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02442
T
t
P
I
F
0.02
0.04
0.06
0.08
0.10
0.12


Similar Part No. - LS-A67K-K1L2-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A67K OSRAM-LS-A67K Datasheet
470Kb / 19P
   white SMT package, colorless clear resin
More results

Similar Description - LS-A67K-K1L2-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
   SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
   SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
   SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
   SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
   SIDELED
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
   SIDELED
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com