Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-Y876-Q2S1-1-Z Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LS-Y876-Q2S1-1-Z
Description  Micro SIDELED 3010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-Y876-Q2S1-1-Z Datasheet(HTML) 3 Page - OSRAM GmbH

  LS-Y876-Q2S1-1-Z Datasheet HTML 1Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 2Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 3Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 4Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-Y876-Q2S1-1-Z Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.1
LS Y876
2014-10-16
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
30
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
I
FM
500
mA
Reverse voltage
2) page 19
Sperrspannung 2) Seite 19
(T
S = 25 °C)
V
R
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
V
ESD
up to 2
kV


Similar Part No. - LS-Y876-Q2S1-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876 OSRAM-LS-Y876 Datasheet
206Kb / 13P
   white SMT package
More results

Similar Description - LS-Y876-Q2S1-1-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
   Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
   Micro SIDELED 3010
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
   Micro SIDELED 3010
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
   Micro SIDELED 3010
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
   Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
   Micro SIDELED
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
   Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
   Micro SIDELED 2808
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
   Micro SIDELED 2808
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com