Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L819IID Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L819IID
Description  10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L819IID Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L819IID Datasheet HTML 1Page - List of Unclassifed Manufacturers L819IID Datasheet HTML 2Page - List of Unclassifed Manufacturers L819IID Datasheet HTML 3Page - List of Unclassifed Manufacturers L819IID Datasheet HTML 4Page - List of Unclassifed Manufacturers L819IID Datasheet HTML 5Page - List of Unclassifed Manufacturers L819IID Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: CDA0799
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
d
e
R
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
n
e
e
r
G
r
e
p
y
Hr
e
p
y
H
r
e
p
y
H
r
e
p
y
Hr
e
p
y
H
d
e
R
a
g
e
Ma
g
e
M a
g
e
M a
g
e
Ma
g
e
M
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
10
0
15
0
10
7
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
35
20
30
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
5
10
4
15
8
15
0
2A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5
5
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
High Efficiency Red / High Efficiency Red L819IID


Similar Part No. - L819IID

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-100MF SUPERWORLD-L810HW-100MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF SUPERWORLD-L810HW-1R0MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-11 SUPERWORLD-L810HW-1R0MF-11 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-12 SUPERWORLD-L810HW-1R0MF-12 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L819IID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L59 KINGBRIGHT-L59 Datasheet
182Kb / 6P
   T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L799 KINGBRIGHT-L799 Datasheet
125Kb / 4P
   8mm BI-COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD6461 CML-CMD6461 Datasheet
65Kb / 1P
   T-100 (T-1) Bi-Color /Bi-Polar LED Lamps
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
   T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
Kingbright Corporation
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
   T-1 BI COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
L115VEGW ETC-L115VEGW Datasheet
122Kb / 4P
   T-A BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
L-937 KINGBRIGHT-L-937 Datasheet
186Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L3VEGW KINGBRIGHT-L3VEGW Datasheet
131Kb / 4P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L937ID KINGBRIGHT-L937ID Datasheet
175Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com