Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L819YYD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L819YYD
Description  10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L819YYD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L819YYD Datasheet HTML 1Page - List of Unclassifed Manufacturers L819YYD Datasheet HTML 2Page - List of Unclassifed Manufacturers L819YYD Datasheet HTML 3Page - List of Unclassifed Manufacturers L819YYD Datasheet HTML 4Page - List of Unclassifed Manufacturers L819YYD Datasheet HTML 5Page - List of Unclassifed Manufacturers L819YYD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: CDA0799
REV NO: V.1
DATE: NOV/18/2001
PAGE: 2 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Electrical / Optical Characteristics at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
d
e
R
r
e
p
y
H
n
e
e
r
G
a
g
e
M
7
2
6
5
6
5
0
9
5
0
6
6
5
6
5
0
4
6
4
7
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
d
e
R
r
e
p
y
H
n
e
e
r
G
a
g
e
M
5
2
6
8
6
5
8
8
5
0
4
6
8
6
5
0
3
6
0
7
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
d
e
R
r
e
p
y
H
n
e
e
r
G
a
g
e
M
5
4
0
3
5
3
0
2
0
3
8
2
0
2
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
d
e
R
r
e
p
y
H
n
e
e
r
G
a
g
e
M
5
1
5
1
0
2
5
4
5
1
5
3
5
1
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
d
e
R
r
e
p
y
H
n
e
e
r
G
a
g
e
M
0
.
2
2
.
2
1
.
2
5
8
.
1
2
.
2
5
9
.
1
1
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
D
II
9
1
8
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
D
E
R
0
30
8
°
0
5
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
0
30
8
D
G
G
9
1
8
L
)
P
a
G
(
N
E
E
R
G
D
E
S
U
F
F
I
D
N
E
E
R
G
2
10
4
°
0
5
)
P
a
G
(
N
E
E
R
G
2
10
4
D
Y
Y
9
1
8
L
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
D
E
S
U
F
F
I
D
W
O
L
L
E
Y
2
10
3
°
0
5
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
2
10
3
W
G
E
9
1
8
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
E
T
I
H
W
0
30
8
°
0
5
)
P
a
G
(
N
E
E
R
G
0
20
5
C
C
/
W
G
S
R
S
9
1
8
L
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S
D
E
S
U
F
F
I
D
E
T
I
H
W
0
0
10
0
2
°
0
5
)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
S
0
30
5
W
K
G
M
K
R
U
S
9
1
8
L
)
P
l
A
a
G
n
I(
D
E
R
R
E
P
Y
H
D
E
S
U
F
F
I
D
E
T
I
H
W
0
8
30
5
7
°
0
5
)
P
l
A
a
G
n
I(
N
E
E
R
G
A
G
E
M
0
50
3
1


Similar Part No. - L819YYD

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-100MF SUPERWORLD-L810HW-100MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF SUPERWORLD-L810HW-1R0MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-11 SUPERWORLD-L810HW-1R0MF-11 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-12 SUPERWORLD-L810HW-1R0MF-12 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L819YYD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L59 KINGBRIGHT-L59 Datasheet
182Kb / 6P
   T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L799 KINGBRIGHT-L799 Datasheet
125Kb / 4P
   8mm BI-COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD6461 CML-CMD6461 Datasheet
65Kb / 1P
   T-100 (T-1) Bi-Color /Bi-Polar LED Lamps
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
   T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
Kingbright Corporation
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
   T-1 BI COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
L115VEGW ETC-L115VEGW Datasheet
122Kb / 4P
   T-A BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
L-937 KINGBRIGHT-L-937 Datasheet
186Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L3VEGW KINGBRIGHT-L3VEGW Datasheet
131Kb / 4P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L937ID KINGBRIGHT-L937ID Datasheet
175Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com