Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-H322XXXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-H322XXXX
Description  3.0mm Dia LED LAMP, WITH LED-308 HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-H322XXXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-H322XXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-H322XXXX
3.0mm Dia LED LAMP, WITH LED-308 HOLDER
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
LED LAMP
Lens Color
Chip
Raw
Material
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
A=L-3541GD
Green Diffused
GaP
565
2.1
2.8
12.5
60
L-H322005B
A=L-3541GD
Green Diffused
GaP
565
2.1
2.8
12.5
60
A=L-3541YD
Yellow Diffused GaAs/GaP
585
2.1
2.8
12.5
60
L-H322006B
A=L-3541YD
Yellow Diffused GaAs/GaP
585
2.1
2.8
12.5
60
A=L-3541HD
Red Diffused
GaP
700
2.1
2.8
5.0
60
L-H322007B
A=L-3541HD
Red Diffused
GaP
700
2.1
2.8
5.0
60
A=L-3541ED
Red Diffused
GaP
635
2.0
2.8
20.0
60
L-H322008B
A=L-3541ED
Red Diffused
GaP
635
2.0
2.8
20.0
60
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - L-H322XXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-H512005B ETC1-L-H512005B Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
L-H512006B ETC1-L-H512006B Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
L-H512007B ETC1-L-H512007B Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
L-H512008B ETC1-L-H512008B Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
L-H512XXXX ETC1-L-H512XXXX Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
More results

Similar Description - L-H322XXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-3541 ETC-L-3541 Datasheet
103Kb / 1P
   3.0mm Dia LOW FROFILE LED LAMP
L-319 ETC-L-319 Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
L-H512XXXX ETC1-L-H512XXXX Datasheet
76Kb / 1P
   5.0mm Dia LED LAMP, WITH H401A HOLDER
L-833 ETC-L-833 Datasheet
99Kb / 1P
   10.0mm Dia LED LAMP
L07R3000F1 ETC2-L07R3000F1 Datasheet
961Kb / 8P
   3.0MM ROUND LED LAMP
logo
Marktech Corporate
MT2003L-WR MARKTECH-MT2003L-WR Datasheet
161Kb / 6P
   3.0mm ROUND LED LAMP
MT3403A-UY-A MARKTECH-MT3403A-UY-A Datasheet
202Kb / 6P
   3.0mm ROUND LED LAMP
MT7103A-UR-A MARKTECH-MT7103A-UR-A Datasheet
135Kb / 6P
   3.0mm ROUND LED LAMP
MT640-G-A MARKTECH-MT640-G-A Datasheet
136Kb / 6P
   3.0mm ROUND LED LAMP
logo
BetLux Electronics
BL-L344 BETLUX-BL-L344 Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com