Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5511 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5511
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5511_14 Datasheet HTML 4Page - Analog Devices ADL5511_14 Datasheet HTML 5Page - Analog Devices ADL5511_14 Datasheet HTML 6Page - Analog Devices ADL5511_14 Datasheet HTML 7Page - Analog Devices ADL5511_14 Datasheet HTML 8Page - Analog Devices ADL5511_14 Datasheet HTML 9Page - Analog Devices ADL5511_14 Datasheet HTML 10Page - Analog Devices ADL5511_14 Datasheet HTML 11Page - Analog Devices ADL5511_14 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
ADL5511
Rev. B | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
5.5 V
ENBL
0 V, VPOS
RFIN (RFIN AC-Coupled)
5.6 V p-p
Equivalent RF Power (Peak Envelope Power or
CW), re: 50 Ω
19 dBm
Internal Power Dissipation
580 mW
θJA
68.9°C/W
θJC
17.5°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
ESD (FICDM)
1250 V
ESD (HBM)
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADL5511_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511_17 Datasheet
1Mb / 29P
   DC to 6 GHz
More results

Similar Description - ADL5511_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
   Envelope and TruPwr RMS Detector
REV. A
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com