Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1ARZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4622-1ARZ-RL
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4622-1ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 11Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 12Page - Analog Devices ADA4622-1ARZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 9 of 34
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
36 V
Input Voltage
(V−) − 0.3 V to
(V+) + 0.2 V
Differential Input Voltage
36 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10 sec)
300°C
ESD Rating, Human Body Model (HBM)
4 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 5. Thermal Resistance1
Package Type
θJA
θJC2
Unit
8-Lead SOIC
1-Layer JEDEC Board
180
63
°C/W
2-Layer JEDEC Board
120
N/A
°C/W
8-Lead MSOP
1-Layer JEDEC Board
265
115
°C/W
2-Layer JEDEC Board
185
N/A
°C/W
8-Lead LFCSP
1-Layer JEDEC Board
272
63
°C/W
2-Layer JEDEC Board
145
N/A
°C/W
2-Layer JEDEC Board with 2 × 2 Vias
55
N/A
°C/W
5-Lead SOT-23
1-Layer JEDEC Board
538
82
°C/W
2-Layer JEDEC Board
339
N/A
°C/W
1
Thermal impedance simulated values are based on a JEDEC thermal test
board. See JEDEC JESD51.
2
N/A means not applicable.
ESD CAUTION


Similar Part No. - ADA4622-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-1ARZ-RL AD-ADA4622-1ARZ-RL Datasheet
1Mb / 38P
   30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results

Similar Description - ADA4622-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
   30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
   30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
logo
3PEAK INC.
TP1271 3PEAK-TP1271 Datasheet
1Mb / 16P
   36V Single Supply, Precision RRO Op-amps With 7MHz Bandwidth
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
   4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
   2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
   7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com