Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L12ACZ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L12ACZ
Description  3-Terminal Positive Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L12ACZ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM78L12ACZ Datasheet HTML 1Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 2Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 3Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 4Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 5Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 6Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 7Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 8Page - National Semiconductor (TI) LM78L12ACZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation (Note 5)
Internally Limited
Input Voltage
35V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 2)
1kV
Operating Junction Temperature
SO-8, TO-92
0˚C to 125˚C
micro SMD
−40˚C to 85˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C (lead time)
LM78LXX Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, Bold typeface
applies over 0˚C to 125˚C for SO-8 and TO-92 packages, and −40˚C to 85˚C for micro SMD package. Limits are guaran-
teed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless other-
wise specified: I
O = 40mA, CI = 0.33µF, CO = 0.1µF.
LM78L05
Unless otherwise specified, V
IN = 10V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
4.8
5
5.2
V
7V
≤ V
IN
≤ 20V
1mA
≤ I
O
≤ 40mA
(Note 3)
4.75
5.25
1mA
≤ I
O
≤ 70mA
(Note 3)
4.75
5.25
∆V
O
Line Regulation
7V
≤ V
IN
≤ 20V
18
75
mV
8V
≤ V
IN
≤ 20V
10
54
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
20
60
1mA
≤ I
O
≤ 40mA
5
30
I
Q
Quiescent Current
3
5
mA
∆I
Q
Quiescent Current Change
8V
≤ V
IN
≤ 20V
1.0
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
(Note 4)
40
µV
Ripple Rejection
f = 120 Hz
8V
≤ V
IN
≤ 16V
47
62
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−0.65
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
6.7
7
V
θ
JA
Thermal Resistance
(8-Bump micro SMD)
230.9
˚C/W
LM78L62AC
Unless otherwise specified, V
IN = 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
5.95
6.2
6.45
V
8.5V
≤ V
IN
≤ 20V
1mA
≤ I
O
≤ 40mA
(Note 3)
5.9
6.5
1mA
≤ I
O
≤ 70mA
(Note 3)
5.9
6.5
www.national.com
3


Similar Part No. - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L12ACZ NSC-LM78L12ACZ Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
259Kb / 13P
   MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
More results

Similar Description - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com