Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C152KGRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C152KGRACTU
Description  Ceramic, Commercial-(CxxxxC), 1500 pF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C152KGRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C152KGRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 41413f2b-e449-43cc-a437-9af2010a66cc
KEMET Part Number: C1812C152KGRACTU
(C1812C152KGRAC7800, C1812C152KGRACTR)
Ceramic, Commercial-(CxxxxC), 1500 pF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
4.5mm +/-0.3mm
W
3.2mm +/-0.3mm
T
1.4mm +/-0.15mm
B
0.6mm +/-0.35mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1812
Description: SMD, MLCC, High Voltage,
Temperature Stable
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 1500 pF
Capacitance Tolerance: 10%
Voltage DC: 2000 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 2,400 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1812C152KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C152JDGACTU KEMET-C1812C152JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1500 pF, 5%, 1,000 V, 1812, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C1812C152KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C332KGRACTU KEMET-C1812C332KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C471KGRACTU KEMET-C1812C471KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C102KGRACTU KEMET-C1812C102KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C103KGRACTU KEMET-C1812C103KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 2,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C102KGRACTU KEMET-C1206C102KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 2,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C102KGRACTU KEMET-C1210C102KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 2,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C471KGRACTU KEMET-C1206C471KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 2,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C2220C222KGRACTU KEMET-C2220C222KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 2,000 V, 2220, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1808C102KGRACTU KEMET-C1808C102KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 2,000 V, 1808, X7R, SMD, MLCC, High Voltage, Temperature Stable
C2220C472KGRACTU KEMET-C2220C472KGRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 2,000 V, 2220, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com