Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG129M035AQ1AA Datasheet(PDF) 7 Page - Kemet Corporation

Part # ELG129M035AQ1AA
Description  Snap-In Aluminum Electrolytic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELG129M035AQ1AA Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ELG129M035AQ1AA Datasheet HTML 3Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 4Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 5Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 6Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 7Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 8Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 9Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 10Page - Kemet Corporation ELG129M035AQ1AA Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4021_ELG • 10/18/2016
Snap-In Aluminum Electrolytic Capacitors – ELG Series, +105ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz
20°C
(tan δ %)*
RC
120 Hz
105°C (A)
LC
20°C
5 Minutes (mA)
Part Number
35
44
5600
30 x 25
35
2.00
3.0
ELG568M035AS1(1)
35
44
6800
22 x 40
35
2.20
3.0
ELG688M035AQ4(1)
35
44
6800
25 x 35
35
2.25
3.0
ELG688M035AR3(1)
35
44
6800
30 x 30
35
2.30
3.0
ELG688M035AS2(1)
35
44
6800
35 x 25
35
2.35
3.0
ELG688M035AT1(1)
35
44
8200
22 x 50
35
2.55
3.0
ELG828M035AQ6(1)
35
44
8200
25 x 40
35
2.50
3.0
ELG828M035AR4(1)
35
44
8200
30 x 30
35
2.75
3.0
ELG828M035AS2(1)
35
44
8200
35 x 25
35
2.75
3.0
ELG828M035AT1(1)
35
44
10000
25 x 45
35
2.85
3.0
ELG109M035AR5(1)
35
44
10000
30 x 35
35
2.90
3.0
ELG109M035AS3(1)
35
44
10000
35 x 30
35
2.95
3.0
ELG109M035AT2(1)
35
44
12000
25 x 50
35
3.25
3.0
ELG129M035AR6(1)
35
44
12000
30 x 40
35
3.25
3.0
ELG129M035AS4(1)
35
44
12000
35 x 30
35
3.15
3.0
ELG129M035AT2(1)
35
44
15000
30 x 45
35
3.70
3.0
ELG159M035AS5(1)
35
44
15000
35 x 35
35
3.65
3.0
ELG159M035AT3(1)
35
44
18000
35 x 40
35
4.35
3.0
ELG189M035AT4(1)
35
44
22000
30 x 50
35
4.90
3.0
ELG229M035AS6(1)
50
63
1800
22 x 25
30
1.30
1.8
ELG188M050AQ1(1)
50
63
2200
22 x 30
30
1.55
2.2
ELG228M050AQ2(1)
50
63
2200
25 x 25
30
1.55
2.2
ELG228M050AR1(1)
50
63
2700
22 x 30
30
1.70
2.7
ELG278M050AQ2(1)
50
63
2700
25 x 25
30
1.70
2.7
ELG278M050AR1(1)
50
63
3300
22 x 35
30
1.95
3.0
ELG338M050AQ3(1)
50
63
3300
25 x 30
30
1.85
3.0
ELG338M050AR2(1)
50
63
3900
22 x 40
30
2.15
3.0
ELG398M050AQ4(1)
50
63
3900
25 x 35
30
2.20
3.0
ELG398M050AR3(1)
50
63
3900
30 x 25
30
1.95
3.0
ELG398M050AS1(1)
50
63
4700
22 x 45
30
2.45
3.0
ELG478M050AQ5(1)
50
63
4700
25 x 40
30
2.45
3.0
ELG478M050AR4(1)
50
63
4700
30 x 30
30
2.45
3.0
ELG478M050AS2(1)
50
63
4700
35 x 25
30
2.50
3.0
ELG478M050AT1(1)
50
63
5600
22 x 50
30
2.75
3.0
ELG568M050AQ6(1)
50
63
5600
25 x 40
30
2.70
3.0
ELG568M050AR4(1)
50
63
5600
30 x 35
30
2.75
3.0
ELG568M050AS3(1)
50
63
5600
35 x 30
30
2.75
3.0
ELG568M050AT2(1)
50
63
6800
25 x 50
30
3.30
3.0
ELG688M050AR6(1)
50
63
6800
30 x 40
30
3.30
3.0
ELG688M050AS4(1)
50
63
6800
35 x 30
30
3.25
3.0
ELG688M050AT2(1)
50
63
8200
30 x 45
30
3.60
3.0
ELG828M050AS5(1)
50
63
8200
35 x 35
30
3.55
3.0
ELG828M050AT3(1)
50
63
10000
30 x 50
30
4.05
3.0
ELG109M050AS6(1)
50
63
10000
35 x 40
30
4.00
3.0
ELG109M050AT4(1)
50
63
12000
35 x 45
30
4.55
3.0
ELG129M050AT5(1)
63
79
1200
22 x 25
25
1.20
1.5
ELG128M063AQ1(1)
63
79
1500
22 x 30
25
1.30
1.9
ELG158M063AQ2(1)
63
79
1500
25 x 25
25
1.30
1.9
ELG158M063AR1(1)
63
79
1800
22 x 30
25
1.50
2.3
ELG188M063AQ2(1)
63
79
1800
25 x 25
25
1.50
2.3
ELG188M063AR1(1)
63
79
2200
22 x 35
25
1.70
2.8
ELG228M063AQ3(1)
63
79
2200
25 x 30
25
1.75
2.8
ELG228M063AR2(1)
63
79
2200
30 x 25
25
1.80
2.8
ELG228M063AS1(1)
63
79
2700
22 x 40
25
2.00
3.0
ELG278M063AQ4(1)
63
79
2700
25 x 35
25
2.00
3.0
ELG278M063AR3(1)
63
79
2700
30 x 25
25
1.95
3.0
ELG278M063AS1(1)
63
79
3300
22 x 50
25
2.30
3.0
ELG338M063AQ6(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELG129M035AQ1AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELG127M400AQ3AA KEMET-ELG127M400AQ3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 400 V, -25/105C
ELG127M450AQ5AA KEMET-ELG127M450AQ5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG127M450AR3AA KEMET-ELG127M450AR3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
ELG128M250AT5AA KEMET-ELG128M250AT5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/105C
More results

Similar Description - ELG129M035AQ1AA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com