Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG129M400AQ1AA Datasheet(PDF) 8 Page - Kemet Corporation

Part # ELG129M400AQ1AA
Description  Snap-In Aluminum Electrolytic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELG129M400AQ1AA Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ELG129M400AQ1AA Datasheet HTML 4Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 5Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 6Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 7Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 8Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 9Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 10Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 11Page - Kemet Corporation ELG129M400AQ1AA Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4021_ELG • 10/18/2016
Snap-In Aluminum Electrolytic Capacitors – ELG Series, +105ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz
20°C
(tan δ %)*
RC
120 Hz
105°C (A)
LC
20°C
5 Minutes (mA)
Part Number
63
79
3300
25 x 40
25
2.30
3.0
ELG338M063AR4(1)
63
79
3300
30 x 30
25
2.25
3.0
ELG338M063AS2(1)
63
79
3300
35 x 25
25
2.10
3.0
ELG338M063AT1(1)
63
79
3900
25 x 45
25
2.55
3.0
ELG398M063AR5(1)
63
79
3900
30 x 35
25
2.55
3.0
ELG398M063AS3(1)
63
79
3900
35 x 30
25
2.55
3.0
ELG398M063AT2(1)
63
79
4700
25 x 50
25
2.85
3.0
ELG478M063AR6(1)
63
79
4700
30 x 40
25
2.85
3.0
ELG478M063AS4(1)
63
79
4700
35 x 30
25
2.80
3.0
ELG478M063AT2(1)
63
79
5600
30 x 45
25
3.20
3.0
ELG568M063AS5(1)
63
79
5600
35 x 35
25
3.20
3.0
ELG568M063AT3(1)
63
79
6800
30 x 50
25
3.65
3.0
ELG688M063AS6(1)
63
79
6800
35 x 40
25
3.65
3.0
ELG688M063AT4(1)
63
79
8200
35 x 45
25
3.90
3.0
ELG828M063AT5(1)
63
79
10000
35 x 50
25
4.40
3.0
ELG109M063AT6(1)
80
100
820
22 x 25
25
1.10
1.3
ELG827M080AQ1(1)
80
100
1000
22 x 30
25
1.20
1.6
ELG108M080AQ2(1)
80
100
1000
25 x 25
25
1.20
1.6
ELG108M080AR1(1)
80
100
1200
22 x 30
25
1.40
1.9
ELG128M080AQ2(1)
80
100
1200
25 x 25
25
1.40
1.9
ELG128M080AR1(1)
80
100
1500
22 x 35
25
1.60
2.4
ELG158M080AQ3(1)
80
100
1500
25 x 30
25
1.60
2.4
ELG158M080AR2(1)
80
100
1500
30 x 25
25
1.65
2.4
ELG158M080AS1(1)
80
100
1800
22 x 40
25
1.80
2.9
ELG188M080AQ4(1)
80
100
1800
25 x 35
25
1.85
2.9
ELG188M080AR3(1)
80
100
1800
30 x 25
25
1.80
2.9
ELG188M080AS1(1)
80
100
2200
22 x 45
25
2.05
3.0
ELG228M080AQ5(1)
80
100
2200
25 x 35
25
2.00
3.0
ELG228M080AR3(1)
80
100
2200
30 x 30
25
2.05
3.0
ELG228M080AS2(1)
80
100
2200
35 x 25
25
2.05
3.0
ELG228M080AT1(1)
80
100
2700
25 x 45
25
2.35
3.0
ELG278M080AR5(1)
80
100
2700
30 x 35
25
2.35
3.0
ELG278M080AS3(1)
80
100
2700
35 x 30
25
2.35
3.0
ELG278M080AT2(1)
80
100
3300
25 x 50
25
2.70
3.0
ELG338M080AR6(1)
80
100
3300
30 x 40
25
2.70
3.0
ELG338M080AS4(1)
80
100
3300
35 x 30
25
2.55
3.0
ELG338M080AT2(1)
80
100
3900
30 x 45
25
3.00
3.0
ELG398M080AS5(1)
80
100
3900
35 x 35
25
3.00
3.0
ELG398M080AT3(1)
80
100
4700
30 x 50
25
3.40
3.0
ELG478M080AS6(1)
80
100
4700
35 x 40
25
3.40
3.0
ELG478M080AT4(1)
80
100
5600
35 x 45
25
3.80
3.0
ELG568M080AT5(1)
80
100
6800
35 x 50
25
3.90
3.0
ELG688M080AT6(1)
100
125
560
22 x 25
25
1.05
1.1
ELG567M100AQ1(1)
100
125
680
22 x 25
25
1.20
1.4
ELG687M100AQ1(1)
100
125
820
22 x 30
25
1.30
1.6
ELG827M100AQ2(1)
100
125
820
25 x 25
25
1.33
1.6
ELG827M100AR1(1)
100
125
1000
22 x 35
25
1.50
2.0
ELG108M100AQ3(1)
100
125
1000
25 x 30
25
1.50
2.0
ELG108M100AR2(1)
100
125
1200
22 x 40
25
1.70
2.4
ELG128M100AQ4(1)
100
125
1200
25 x 35
25
1.70
2.4
ELG128M100AR3(1)
100
125
1200
30 x 25
25
1.70
2.4
ELG128M100AS1(1)
100
125
1500
22 x 45
25
1.95
3.0
ELG158M100AQ5(1)
100
125
1500
25 x 40
25
2.00
3.0
ELG158M100AR4(1)
100
125
1500
30 x 30
25
1.95
3.0
ELG158M100AS2(1)
100
125
1500
35 x 25
25
2.00
3.0
ELG158M100AT1(1)
100
125
1800
25 x 45
25
2.20
3.0
ELG188M100AR5(1)
100
125
1800
30 x 35
25
2.50
3.0
ELG188M100AS3(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELG129M400AQ1AA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELG127M400AQ3AA KEMET-ELG127M400AQ3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 400 V, -25/105C
ELG127M450AQ5AA KEMET-ELG127M450AQ5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG127M450AR3AA KEMET-ELG127M450AR3AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 120 uF, 20%, 450 V, -25/105C
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
ELG128M250AT5AA KEMET-ELG128M250AT5AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/105C
More results

Similar Description - ELG129M400AQ1AA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com