Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3468 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3468
Description  Photoflash Capacitor Charger in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3468 Datasheet HTML 4Page - Linear Technology LT3468 Datasheet HTML 5Page - Linear Technology LT3468 Datasheet HTML 6Page - Linear Technology LT3468 Datasheet HTML 7Page - Linear Technology LT3468 Datasheet HTML 8Page - Linear Technology LT3468 Datasheet HTML 9Page - Linear Technology LT3468 Datasheet HTML 10Page - Linear Technology LT3468 Datasheet HTML 11Page - Linear Technology LT3468 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3468/LT3468-1
8
34681i
Table 2. Pre-Designed Transformers - Typical Specifications Unless Otherwise Noted.
SIZE
LPRI
LPRI-LEAKAGE
RPRI
RSEC
FOR USE WITH
TRANSFORMER NAME
(W
× L × H) mm
(
µH)
(nH)
N
(m
Ω)(Ω)
VENDOR
LT3468
SBL-5.6-1
5.6
× 8.5 × 4.0
10
200 Max
10.2
103
26
Kijima Musen
LT3468-1
SBL-5.6S-1
5.6
× 8.5 × 3.0
24
400 Max
10.2
305
55
Hong Kong Office
852-2489-8266 (ph)
kijimahk@netvigator.com (email)
LT3468
LDT565630T-001
5.8
× 5.8 × 3.0
6
200 Max
10.4
100 Max
10 Max
TDK
LT3468-1
LDT565630T-002
5.8
× 5.8 × 3.0
14.5
500 Max
10.2
240 Max 16.5 Max
Chicago Sales Office
(847) 803-6100 (ph)
www.components.tdk.com
LT3468/LT3468-1
T-15-089
6.4
× 7.7 × 4.0
12
400 Max
10.2
211 Max
27 Max
Tokyo Coil Engineering
LT3468-1
T-15-083
8.0
× 8.9 × 2.0
20
500 Max
10.2
675 Max
35 Max
Japan Office
0426-56-6336 (ph)
www.tokyo-coil.co.jp
All other parameters need to meet or exceed the recom-
mended limits as shown in Table 1. A particularly impor-
tant parameter is the leakage inductance, LLEAK. When the
power switch of the LT3468/LT3468-1 turns off, the
leakage inductance on the primary of the transformer
causes a voltage spike to occur on the SW pin. The height
of this spike must not exceed 40V, even though the
absolute maximum rating of the SW Pin is 50V. The 50V
absolute maximum rating is a DC blocking voltage speci-
fication, which assumes that the current in the power NPN
is zero. Figure 4 shows the SW voltage waveform for the
circuit of Figure 1(LT3468). Note that the absolute maxi-
mum rating of the SW pin is not exceeded. Figure 5 shows
the SW voltage waveform for the circuit of Figure 2(LT3468-
1). Again, the absolute maximum rating of the SW pin is
not compromised. Make sure to check the SW voltage
waveform with VOUT near the target output voltage, as this
is the worst case condition for SW voltage.
It is important not to minimize the leakage inductance to
a very low level. Although this would result in a very low
leakage spike on the SW pin, the parasitic capacitance of
the transformer would become large. This will adversely
effect the charge time of the photoflash circuit.
Linear Technology has worked with several leading mag-
netic component manufacturers to produce pre-designed
flyback transformers for use with the LT3468/LT3468-1.
Table 2 shows the details of several of these transformers.
Figure 4. LT3468 SW Voltage Waveform
VIN = 5V
VOUT = 320V
VIN = 5V
VOUT = 320V
Figure 5. LT3468-1 SW Voltage Waveform
APPLICATIO S I FOR ATIO
3468 G18
100ns/DIV
VSW
10V/DIV
3468 G19
100ns/DIV
VSW
10V/DIV


Similar Part No. - LT3468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Analog Devices
LT3468 AD-LT3468 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Sumida Corporation
LT3468 SUMIDA-LT3468 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Linear Technology
LT3468-1 LINER-LT3468-1 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
More results

Similar Description - LT3468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com