Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XDL15-3-030S Datasheet(PDF) 2 Page - Anaren Microwave

Part # XDL15-3-030S
Description  Production Friendly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XDL15-3-030S Datasheet(HTML) 2 Page - Anaren Microwave

  XDL15-3-030S Datasheet HTML 1Page - Anaren Microwave XDL15-3-030S Datasheet HTML 2Page - Anaren Microwave XDL15-3-030S Datasheet HTML 3Page - Anaren Microwave XDL15-3-030S Datasheet HTML 4Page - Anaren Microwave XDL15-3-030S Datasheet HTML 5Page - Anaren Microwave XDL15-3-030S Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model XDL15-3-030S
Rev B
PRELIMINARY
PIN CONFIGURATION
Pin 1
Pin 2
Pin 3
Pin 4
Input
DNC- Do not connect, ground
DNC- Do not connect, ground
Output
Output
DNC- Do not connect, ground
DNC- Do not connect, ground
Input
TYPICAL PERFORMANCE: 100 MHz to 6000 MHz
100
700
1300
1900
2500
3100
3700
4300
4900
5500
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss 1 XDL15-3-030S (OVERTEMP)
-55ºC
25ºC
85ºC
125ºC
100
700
1300
1900
2500
3100
3700
4300
4900
5500
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss 2 XDL15-3-030S (OVERTEMP)
-55ºC
25ºC
85ºC
125ºC
100
700
1300
1900
2500
3100
3700
4300
4900
5500
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Frequency (MHz)
Group DealyXDL15-3-030S (OVERTEMP)
-55ºC
25ºC
85ºC
125ºC
100
700
1300
1900
2500
3100
3700
4300
4900
5500
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Frequency (MHz)
Insertion Loss XDL15-3-030S (OVERTEMP)
-55ºC
25ºC
85ºC
125ºC
CASCADING XDL15-3-030S
If more than 3ns delay is needed, cascading XDL15-3-030S can provide group delay of 6ns, 9ns and 12ns. Gap of
2mm between the cascaded parts is recommended with solder mask in between.


Similar Part No. - XDL15-3-030S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XDL15-2-020S ANAREN-XDL15-2-020S Datasheet
166Kb / 5P
   Delay Line
More results

Similar Description - XDL15-3-030S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
XDL20-11-180S ANAREN-XDL20-11-180S Datasheet
152Kb / 3P
   Production Friendly
XDL21-7-110 ANAREN-XDL21-7-110 Datasheet
385Kb / 3P
   Production Friendly
X3C35F1-02S ANAREN-X3C35F1-02S Datasheet
878Kb / 18P
   Production Friendly
XEC24P3-30G ANAREN-XEC24P3-30G Datasheet
511Kb / 19P
   Production Friendly
XDL09-8-080 ANAREN-XDL09-8-080 Datasheet
190Kb / 3P
   Production Friendly
X3C19P1-04S ANAREN-X3C19P1-04S Datasheet
594Kb / 19P
   Production Friendly
X3C07P1-05S ANAREN-X3C07P1-05S Datasheet
942Kb / 17P
   Production Friendly
X3C25P1-04S ANAREN-X3C25P1-04S Datasheet
1Mb / 19P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com