Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3468ES5-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3468ES5-1
Description  Photoflash Capacitor Charger in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468ES5-1 Datasheet(HTML) 2 Page - Linear Technology

  LT3468ES5-1 Datasheet HTML 1Page - Linear Technology LT3468ES5-1 Datasheet HTML 2Page - Linear Technology LT3468ES5-1 Datasheet HTML 3Page - Linear Technology LT3468ES5-1 Datasheet HTML 4Page - Linear Technology LT3468ES5-1 Datasheet HTML 5Page - Linear Technology LT3468ES5-1 Datasheet HTML 6Page - Linear Technology LT3468ES5-1 Datasheet HTML 7Page - Linear Technology LT3468ES5-1 Datasheet HTML 8Page - Linear Technology LT3468ES5-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3468/LT3468-1
2
34681i
VIN Voltage .............................................................. 16V
SW Voltage ................................................ –0.4V to 50V
CHARGE Voltage ...................................................... 10V
DONE Voltage .......................................................... 10V
Current into DONE Pin ..........................................
±1mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S5 PART
MARKING
TJMAX = 125°C, θJA = 256°C/W
LTAEC
LTAGQ
LT3468ES5
LT3468ES5-1
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCHARGE = VIN unless otherwise noted. (Note 2) Specifications
are for both the LT3468 and LT3468-1 unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
Not Switching
5
8
mA
VCHARGE = 0V
0
1
µA
Input Voltage Range
q
2.5
16
V
Switch Current Limit
LT3468 (Note 3)
1.1
1.2
1.3
A
LT3468-1
0.45
0.55
0.65
A
Switch VCESAT
LT3468, ISW = 1A
330
430
mV
LT3468-1, ISW = 400mA
150
200
mV
VOUT Comparator Trip Voltage
Measured as VSW – VIN
q
31
31.5
32
V
VOUT Comparator Overdrive
300ns Pulse Width
200
400
mV
DCM Comparator Trip Voltage
Measured as VSW – VIN
q
10
36
80
mV
CHARGE Pin Current
VCHARGE = 3V
15
40
µA
VCHARGE = 0V
0
0.1
µA
Switch Leakage Current
VIN = VSW = 5V, in Shutdown
q
0.01
1
µA
CHARGE Input Voltage High
q
1V
CHARGE Input Voltage Low
q
0.3
V
DONE Output Signal High
100k
Ω from VIN to DONE
3
V
DONE Output Signal Low
33
µA into DONE Pin
100
200
mV
DONE Leakage Current
VDONE = 3V, DONE NPN Off
20
100
nA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3468E/LT3468E-1 are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process.
Note 3: Specifications are for static test. Current limit in actual application
will be slightly higher.
5 VIN
4 CHARGE
SW 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
GND 2
DONE 3


Similar Part No. - LT3468ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468ES5-1 LINER-LT3468ES5-1 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
More results

Similar Description - LT3468ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com