Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC0204P2-30G Datasheet(PDF) 2 Page - Anaren Microwave

Part # XMC0204P2-30G
Description  Tight Coupling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XMC0204P2-30G Datasheet(HTML) 2 Page - Anaren Microwave

  XMC0204P2-30G Datasheet HTML 1Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 2Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 3Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 4Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 5Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 6Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 7Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 8Page - Anaren Microwave XMC0204P2-30G Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XMC0204P2-30G
Rev A
Directional Coupler Pin Configuration
The XMC0204P2-30G has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
30dB Coupler Pin Configuration
Pin 1
Pin 2
Pin 3
Pin 4
Input
Direct
Isolated
Coupled
Direct
Input
Coupled
Isolated
Note: The direct port has a DC connection to the input port and the coupled port has a DC connection to the
isolated port.
For optimum IL and power handling performance, use Pin 1 or Pin 2 as inputs.


Similar Part No. - XMC0204P2-30G

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
XMC0204F1-03G ANAREN-XMC0204F1-03G Datasheet
1Mb / 17P
   Tight Amplitude Balance
More results

Similar Description - XMC0204P2-30G

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0402P AVX-CP0402P Datasheet
100Kb / 2P
   Thin Film Directional Coupler CP0402P High Directivity, Tight Coupling Tolerance
logo
Festo Corporation.
8134953 FESTO-8134953 Datasheet
80Kb / 1P
   Coupling
8164977 FESTO-8164977 Datasheet
76Kb / 1P
   Coupling
8134726 FESTO-8134726 Datasheet
77Kb / 1P
   Coupling
8164978 FESTO-8164978 Datasheet
76Kb / 1P
   Coupling
8165049 FESTO-8165049 Datasheet
77Kb / 1P
   Coupling
8165458 FESTO-8165458 Datasheet
76Kb / 1P
   Coupling
8134829 FESTO-8134829 Datasheet
81Kb / 1P
   Coupling
8165044 FESTO-8165044 Datasheet
79Kb / 1P
   Coupling
8164974 FESTO-8164974 Datasheet
77Kb / 1P
   Coupling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com