Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-814H Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTV-814H
Description  AC INPUT RESPONSE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-814H Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTV-814H Datasheet HTML 3Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 4Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 5Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 6Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 7Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 8Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 9Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 10Page - Lite-On Technology Corporation LTV-814H Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
TAPING DIMENSIONS
LTV-814HS-TA1 :
LTV-824HS-TA1 :
Description
Symbol
Dimensions in mm ( inches )
Tape wide
W
16
± 0.3 ( .63 )
Pitch of sprocket holes
P0
4
± 0.1 ( .15 )
Distance of compartment
F
P2
7.5
± 0.1 ( .295 )
2
± 0.1 ( .079 )
Distance of compartment to compartment
P1
12
± 0.1 ( .472 )
Part No. : LTV-814H / 824H / 844H ( M, S, S-TA1 )
Page :
7 of 12
BNS-OD-C131/A4


Similar Part No. - LTV-814H

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-814H TENAND-LTV-814H Datasheet
406Kb / 12P
   Property of LITE-ON Only
LTV-814HM TENAND-LTV-814HM Datasheet
406Kb / 12P
   Property of LITE-ON Only
LTV-814HS TENAND-LTV-814HS Datasheet
406Kb / 12P
   Property of LITE-ON Only
LTV-814HS-TA1 TENAND-LTV-814HS-TA1 Datasheet
406Kb / 12P
   Property of LITE-ON Only
More results

Similar Description - LTV-814H

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-814-A LITEON-LTV-814-A Datasheet
373Kb / 13P
   AC input response
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
   OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2706-1 NEC-PS2706-1 Datasheet
96Kb / 12P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com