Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5554VN Datasheet(PDF) 50 Page - Asahi Kasei Microsystems

Part # AK5554VN
Description  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Datasheet(HTML) 50 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 49Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 50Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 51Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 50 -
Data Slot Configuration
[1] PCM mode
Figure 57. Slot Assign in PCM mode
[2] DSD mode
Figure 58. Slot Assign in DSD mode
DSDOL1 pin
Slot 1
LRCK Period = 1/fs
Slot 2
Slot 3
Slot 4
DSDOR1 pin
DSDOL2 pin
DSDOR2 pin
SDTO1 pin
Slot 1
Slot 3
Slot 2
Slot 4
Slot 1
All “0”
SDTO2 pin
SDTO1 pin
Normal Output
TDM128
Slot 2
Slot 3
Slot 4
All “0”
SDTO2 pin
LRCK Period = 1/fs
LRCK Period = 1/fs
Slot 1
SDTO1 pin
TDM256
SDTO2 pin
LRCK Period = 1/fs
Slot 2 Slot 3 Slot 4
TDMI
All “0”
1
SDTO1 pin
TDM512
SDTO2 pin
LRCK Period = 1/fs
2
3
4
TDMI


Similar Part No. - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Similar Description - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com