Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5556VN Datasheet(PDF) 61 Page - Asahi Kasei Microsystems

Part # AK5556VN
Description  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5556VN Datasheet(HTML) 61 Page - Asahi Kasei Microsystems

Back Button AK5556VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 63Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 64Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 65Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
[AK5556]
015099857-E-00
2016/03
- 61 -
Register Map
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H Power Management1
1
1
PW6
PW5
PW4
PW3
PW2
PW1
01H Power Management2
0
0
0
0
0
MONO2
MONO1
RSTN
02H Control 1
0
CKS3
CKS2
CKS1
CKS0
DIF1
DIF0
HPFE
03H Control 2
0
TDM1
TDM0
0
0
0
0
0
04H Control 3
DP
0
0
0
0
0
SD
SLOW
05H DSD
0
0
DCKS
0
PMOD
DCKB
DSDSEL1 DSDSEL0
06H TEST1
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
07H TEST2
0
0
0
0
0
0
0
TRST
Note 24.
Data must not be written into addresses from “06H” to “1FH”.
Note 25.
The bits indicated as “0” must contain a “0” value. When RSTN bit is set to “0”, the internal digital
filter and the control block are reset but the register values are not initialized.
Note 26.
When the PDN pin is set to “L”, all registers are initialized to their default values.
Register Definitions
Addr Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H Power
Management1
1
1
PW6
PW5
PW4
PW3
PW2
PW1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
1
1
1
1
1
1
1
PW6-1: Power Down control for channel 6-1
0: Power OFF
1: Power ON (default)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
01H Power
Management2
0
0
0
0
0
MONO2 MONO1
RSTN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
RSTN: Internal Timing Reset
0: Reset. All registers are not initialized.
1: Normal Operation (default)
Internal clock timings are reset but registers are not reset.
MONO2-1: Channel Summation mode Select (Table 17, Table 18, Table 19)
00: Not- Summation mode (default)
01: 4-to-1 mode
10: 6-to-3 mode
11: 6-to-1 mode


Similar Part No. - AK5556VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
More results

Similar Description - AK5556VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com