Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5558VN Datasheet(PDF) 59 Page - Asahi Kasei Microsystems

Part # AK5558VN
Description  8-Channel Differential 32-bit ADC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5558VN Datasheet(HTML) 59 Page - Asahi Kasei Microsystems

Back Button AK5558VN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 63Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
[AK5558]
015099850-E-00
2016/03
- 59 -
(2) I
2C-bus Control Mode (I2C pin = “H” and PSN pin = “L”)
The AK5558 supports the fast-mode I2C-bus (max: 400 kHz, Ver1.0).
(2)-1. WRITE Operations
Figure 63 shows the data transfer sequence of the I2C-bus control mode. All commands are preceded by
a START condition. A HIGH to LOW transition on the SDA line while SCL is HIGH indicates a START
condition (Figure 69). After the START condition, a slave address is sent. This address is 7 bits long
followed by the eighth bit that is a data direction bit (R/W). The most significant five bits of the slave
address are fixed as “00100”. The next bits are CAD1-0 (device address bits). This bits identifies the
specific device on the bus. The hard-wired input pins (CAD1-0 pins) set these device address bit (Figure
64). If the slave address matches that of the AK5558, the AK5558 generates an acknowledge and the
operation is executed. The master must generate the acknowledge-related clock pulse and release the
SDA line (HIGH) during the acknowledge clock pulse (Figure 70
). R/W bit = “1” indicates that the read
operation is to be executed. “0” indicates that the write operation is to be executed.
The second byte consists of the control register address of the AK5558. The format is MSB first, and
those most significant 3-bits are fixed to zeros (Figure 65). The data after the second byte contains
control data. The format is MSB first, 8bits (Figure 66). The AK5558 generates an acknowledge after
each byte is received. Data transfer is always terminated by a STOP condition generated by the master.
A LOW to HIGH transition on the SDA line while SCL is HIGH defines STOP condition (Figure 69).
The AK5558 can perform more than one byte write operation per sequence. After receipt of the third byte
the AK5558 generates an acknowledge and awaits the next data. The master can transmit more than
one byte instead of terminating the write cycle after the first data byte is transferred. After receiving each
data packet the internal 6-bit address counter is incremented by one, and the next data is automatically
taken into the next address. If the addres
s exceeds “07H” prior to generating a stop condition, the
address counter will “roll over” to “00H” and the previous data will be overwritten.
The data on the SDA line must remain stable during the HIGH period of the clock. The HIGH or LOW
state of the data line can only change when the clock signal on the SCL line is LOW (Figure 71) except
for the START and STOP conditions.
3rd byte
2nd byte
1st byte
SDA
S
T
A
R
T
A
C
K
A
C
K
S
Slave
Address
A
C
K
Sub
Address(n)
Data(n)
P
S
T
O
P
Data(n+x)
A
C
K
Data(n+1)
A
C
K
R/W=
“0”
A
C
K
Figure 63. Data Transfer Sequence at the I
2C-Bus Control Mode
0
0
1
0
0
CAD1
CAD0
R/W
(CAD0 and CAD1 are set by pins)
Figure 64. The First Byte
0
0
0
A4
A3
A2
A1
A0
Figure 65. The Second Byte
D7
D6
D5
D4
D3
D2
D1
D0
Figure 66. Byte Structure After The Second Byte


Similar Part No. - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5558VN HUAXINAN-AK5558VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 8ch ADC with 4Filters
More results

Similar Description - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5558 AKM-AK5558 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com