Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7735EQ Datasheet(PDF) 23 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 23 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 19Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 20Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 21Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 22Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 23Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 24Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 25Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 26Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 27Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 23 -
4. Short Delay Slow Roll-Off Filter (ADSD bit =
“1”, ADSL bit = “1”)
fs=48kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 25
0dB ~ -0.074dB
PB
0
12.5
kHz
-3.0dB
PB
19.2
kHz
Stopband * 25
SB
36.5
kHz
Stopband Attenuation
SA
85.0
dB
Group Delay Distortion : 0Hz~20kHz
GD
2.6
1/fs
Group Delay * 26
GD
6
1/fs
ADC Digital Filter(HPF)
Frequency Response
-3.0dB
FR
0.9
Hz
fs=96kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 25
0dB ~ -0.074dB
PB
0
25
kHz
-3.0dB
PB
38.5
kHz
Stopband * 25
SB
73.0
kHz
Stopband Attenuation
SA
85.0
dB
Group Delay Distortion : 0Hz~40kHz
GD
2.6
1/fs
Group Delay * 26
GD
6
1/fs
ADC Digital Filter(HPF)
Frequency Response
-3.0dB
FR
1.9
Hz
fs=192kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 25
0dB ~ -0.1dB
PB
0
31.1
kHz
-3.0dB
PB
63.2
kHz
Stopband * 25
SB
145.9
kHz
Stopband Attenuation
SA
85.0
dB
Group Delay Distortion : 0Hz~40kHz
GD
0.5
1/fs
Group Delay * 26
GD
7
1/fs
ADC Digital Filter(HPF)
Frequency Response
-3.0dB
FR
3.8
Hz
Notes
* 25. The passband and stopband frequencies are proportional to fs (sampling rate). High-pass filter
characteristics are not included. A reference value of each gain amplitude is the maximum value of
frequency response.
* 26. Delay time caused by the digital filter calculation. This time is measured from an analog signal input
until 24-bit data of both channels are set into the output register. It includes group delay by HPF.


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com