Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7735EQ Datasheet(PDF) 42 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 42 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 38Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 39Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 40Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 41Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 42Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 43Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 44Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 45Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 46Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 42 -
BDVx[9:0]
bits
MBICKx
Dividing
MBICKx(MHz)
SDVx[2:0]
bits
MLRCKx
Dividing
MLRCKx(kHz)
48kHz
Base
44.1kHz
Base
48kHz
Base
44.1kHz
Base
0x23F
576
0.256
0.2352
010
32
8
N/A
0x17F
384
0.384
0.3528
001
48
8
N/A
0x11F
288
0.512
0.4704
000
64
8
N/A
0x08F
144
1.024
0.9408
011
128
8
N/A
0x047
72
2.048
1.8816
100
256
8
N/A
0x17F
384
0.384
0.3528
010
32
12
11.025
0x0FF
256
0.576
0.5292
001
48
12
11.025
0x0BF
192
0.768
0.7056
000
64
12
11.025
0x05F
96
1.536
1.4112
011
128
12
11.025
0x02F
48
3.072
2.8224
100
256
12
11.025
0x11F
288
0.512
0.4704
010
32
16
14.7
0x0BF
192
0.768
0.7056
001
48
16
14.7
0x08F
144
1.024
0.9408
000
64
16
14.7
0x047
72
2.048
1.8816
011
128
16
14.7
0x023
36
4.096
3.7632
100
256
16
14.7
0x0BF
192
0.768
0.7056
010
32
24
22.05
0x07F
128
1.152
1.0584
001
48
24
22.05
0x05F
96
1.536
1.4112
000
64
24
22.05
0x02F
48
3.072
2.8224
011
128
24
22.05
0x017
24
6.144
5.6448
100
256
24
22.05
0x08F
144
1.024
0.9408
010
32
32
29.4
0x05F
96
1.536
1.4112
001
48
32
29.4
0x047
72
2.048
1.8816
000
64
32
29.4
0x023
36
4.096
3.7632
011
128
32
29.4
0x011
18
8.192
7.5264
100
256
32
29.4
0x05F
96
1.536
1.4112
010
32
48
44.1
0x03F
64
2.304
2.1168
001
48
48
44.1
0x02F
48
3.072
2.8224
000
64
48
44.1
0x017
24
6.144
5.6448
011
128
48
44.1
0x00B
12
12.288
11.2896
100
256
48
44.1
0x02F
48
3.072
2.8224
010
32
96
88.2
0x01F
32
4.608
4.2336
001
48
96
88.2
0x017
24
6.144
5.6448
000
64
96
88.2
0x00B
12
12.288
11.2896
011
128
96
88.2
0x005
6
24.576
22.5792
100
256
96
88.2
0x017
24
6.144
5.6448
010
32
192
176.4
0x00F
16
9.216
8.4672
001
48
192
176.4
0x00B
12
12.288
11.2896
000
64
192
176.4
0x005
6
24.576
22.5792
011
128
192
176.4
Table 11. Clock Sync Domain Setting when PLLMCLK is Clock Source (N/A: Not Available)
For Clock Sync Domain, set BDVx[9:0] bits and SDVx[2:0] bits according to the input clock frequency
when the XTI or BICK pin input is selected as the clock source, as well as the PLLMCLK.
MBICKx = XTI pin or BICKx pin frequency divided by BDVx[9:0] bits setting
MLRCKx = MBICKx divided by SDVx[2:0] bits setting


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com