Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7735EQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 9 -
No.
Pin Name
I/O
Function
Supply
Power
23
STO
O
Status Output Pin
This pin outputs “L” during power-down state.
TVDD
RDY
O
RDY Signal Output Pin
SDOUT2
O
Serial Data Output 2 Pin
24
CSN
I
SPI Mode
SPI I/F Chip Select Pin
During power-down state or when SPI I/F is not in use, leave this
pin “H” level.
TVDD
I
I
2C Mode
I
2C I/F Chip Address Pin
This pin must be pulled up or pulled down.
25
SO
O
Serial Data Output Pin for SPI I/F
This pin outputs “Hi-Z” during power-down state.
This pin must be pulled up or pulled down.
TVDD
SDA
I/O
Serial Data In/Output Pin for I
2C I/F
This
pin outputs “Hi-Z” during power-down state.
26
SCLK
I
Serial Data Clock Input Pin for SPI I/F
TVDD
SCL
I
Serial Data Clock Input Pin for I
2C I/F
27
SI
I
Serial Data Input Pin for SPI I/F
TVDD
I2CFIL
I
I
2C I/F Mode Select Input Pin
I2CFIL
= “L”: Fast Mode (400kHz)
I2CFIL
= “H”: Fast Mode Plus (1MHz) (should be fixed to TVDD2)
28
PDN
I
Power-down Pin
Use this pin to power down the AK7735.
The
PDN pin should be held “L” when power is supplied.
TVDD
29
AVDRV
O
VREG Output Pin
Connect a 2.2uF(±30%) ceramic capacitor between this pin and
DVSS3. Do not connect this pin to an external circuit.
LVDD
30
DVSS3
-
Digital Ground 3 Pin
0V
-
31
LVDD
-
Digital Core Power Supply Pin
3.0~3.6V (typ.3.3V)
-


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com