Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7755EN Datasheet(PDF) 87 Page - Asahi Kasei Microsystems

Part # AK7755EN
Description  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN Datasheet(HTML) 87 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 83Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 84Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 85Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 86Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 87Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 88Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 89Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 90Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 91Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 87 -
ADC Block
1. ADC High Pass Filter
A digital High Pass Filter (HPF) is integrated for DC offset cancellation of the ADC input. The cut-off
frequency of the HPF is approximately 1Hz (at fs=48kHz).
fs
48kHz
44.1kHz
8kHz
Cut-off frequency
3.73Hz
3.43Hz
0.62Hz
2. ADC Soft Mute
2-1. Description
The ADC block has a digital soft mute circuit. The soft mute operation is performed in the digital
domain. The output signal is attenuated to -∞ in “ADC Digital Volume Level x ATT transition time”
from the current ADC Digital Volume Setting Level by setting ADMUTE and AD2MUTE bits to “1”.
When the ADMUTE (CONT1A: D7) and AD2MUTE (CONT1A: D6) bits are returned to “0”, the
mute is cancelled and the output attenuation gradually changes to ADC Digital Volume Setting Level
in “ADC Digital Volume Level x ATT transition time”. If the soft mute is cancelled before attenuating
to -∞ after starting the operation, the attenuation is discontinued and returned to ADC Digital Volume
Setting Level by the same cycle. The soft mute is effective for changing the signal source without
stopping the signal transmission. The transition time from 0dB to -∞ and vice versa is 828 LRCK
cycles.
The soft mute function works when the ADC is in operation. The attenuation value is initialized by the
PDN pin = “L”.
SMUTE Register Value
-∞dB
0dB
Attenuation
Output Image
Group Delay (GD)
828/fs
828/fs
Group Delay (GD)
Figure 71. ADC Soft Mute
2-2. Input Selector Switching Sequence
The input selector should be changed after soft muting to avoid the switching noise of the input
selector.
· Input Selector Switching Sequence
1. Enable soft mute before changing the channel.
2. Change the Channel.
3. Disable softer mute.
ADMUTE
Attenuation
Channel
DATT Level
-
(1)
(2)
IN1/IN3
IN2/IN4
(1)
(3)
Figure 72. ADC Input Channel Switching Sequence Example


Similar Part No. - AK7755EN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7755EN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com