Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7758VN Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AK7758VN
Description  DSP with Stereo CODEC Mic/Lineout Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7758VN Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AK7758VN Datasheet HTML 18Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 19Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 20Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 21Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 22Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 23Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 24Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 25Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 26Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
[AK7758]
016003563-E-02-PB
2016/09
- 22 -
8.5. Switching Characteristics
8.5.1. System Clock
(Ta= -40~85°C; AVDD=3.0~3.6V, TVDD1/2=1.7~3.6V, DVDD=1.14~1.3V, AVSS=DVSS=0V,
CL=20pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
with Crystal Oscillator
Input Frequency
fXTI
11.2896
18.432
MHz
with External Clock
Duty Cycle
40
50
60
%
Input Frequency
fXTI
11.0
18.6
MHz
LRCK Frequency
(Note 43)
fs
8
48
kHz
BICK Frequency
(Note 44)
Normal Interface
High Level Width
tBCLKH
128
ns
Low Level Width
tBCLKL
128
ns
Frequency
fBCLK
0.23
3.072
3.1
MHz
TDM Interface
High Level Width
tBCLKH
32
ns
Low Level Width
tBCLKL
32
ns
Frequency
fBCLK
1.8
12.288
12.3
MHz
Note 43. LRCK frequency and sampling rate (fs) should be the same.
Note 44. When BICK is the source of the master clock, it should be synchronized to LRCK and have
stable frequency.
1/fs
1/fs
VIH
VIL
tBCLKL
tBCLKH
1/fBCLK
1/fBCLK
VIH
VIL
tBCLK=1/fBCLK
ts=1/fs
LRCK
BICK
1/fXTI
1/fXTI
VIH
VIL
XTI
tXTI=1/fXTI
Figure 6. System Clock Timing


Similar Part No. - AK7758VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7758VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com