Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9752AE Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK9752AE
Description  Ultra-small IR sensor IC with IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9752AE Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK9752AE Datasheet HTML 9Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 10Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 11Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 12Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 13Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 14Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 15Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 16Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
[AK9752]
016016473-E-00
2017/1
- 13 -
10.5.2.
Read-out Data during a measurement Period
The read-out registers retain the previous data during a measurement period, so the data can be read
out during the measurement period. When data is read out during the measurement period, the previous
data is read out.
Figure 10.5. Read-out during a measurement period
10.5.3.
Skipping Data
When (N)th data is not read out between the end points of (N+1)th measurement, DRDY is held until
measurement data is read out. Because the Nth data was skipped, DOR changes to
“1” at the
completion of (N+1)th measurement.
Figure 10.6. Data Skipping
(N) th
(N+1) th
(N+2) th
Measurement
Meas.
PD (Power down)
Meas.
PD
Meas.
PD
Internal Buffer
(N-1)th data
(N)th data
(N+1)th data
(N+2)th data
Read-out Register
(N-1)th data
(N)th data
(N+1)th data
DRDY(ST1)
DOR(ST2)
INTN output
SDA output
ST1 INTC (N)th data
ST2
ST1 INTC (N)th data
ST2
ST1 INTC (N+1)th data
ST2
* INTC = INTCAUSE
Read-out Register is protected
during read-out.
DRDY changes to "1" and Read-out Register
is updated at read-out completion.
(N) th
(N+1) th
(N+2) th
Measurement
Meas.
PD (Power down)
Meas.
PD
Meas.
PD
Internal Buffer
(N-1)th data
(N)th data
(N+1)th data
(N+2)th data
Read-out Register
(N-1)th data
(N)th data
(N+1)th data
(N+2)th data
DRDY(ST1)
DOR(ST2)
INTN output
SDA output
ST1 INTC (N+1)th data
ST2
* INTC = INTCAUSE


Similar Part No. - AK9752AE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
More results

Similar Description - AK9752AE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9754 AKM-AK9754 Datasheet
1Mb / 43P
   Ultra-small IR Sensor IC with I2C I/F
logo
Sanyo Semicon Device
LA0151CS SANYO-LA0151CS Datasheet
145Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
logo
Asahi Kasei Microsystem...
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
AK9750 AKM-AK9750 Datasheet
1Mb / 49P
   IR Sensor IC with I2C I/F
logo
ON Semiconductor
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
   For Ultra-small illumination Sensor Photo IC
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com