Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAS70
Description  Low forward and reverse recovery times
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70 Datasheet(HTML) 2 Page - STMicroelectronics

  BAS70 Datasheet HTML 1Page - STMicroelectronics BAS70 Datasheet HTML 2Page - STMicroelectronics BAS70 Datasheet HTML 3Page - STMicroelectronics BAS70 Datasheet HTML 4Page - STMicroelectronics BAS70 Datasheet HTML 5Page - STMicroelectronics BAS70 Datasheet HTML 6Page - STMicroelectronics BAS70 Datasheet HTML 7Page - STMicroelectronics BAS70 Datasheet HTML 8Page - STMicroelectronics BAS70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
BAS70
2/14
Doc ID 12563 Rev 2
1
Characteristics
Table 2.
Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
70
V
IF
Continuous forward current
70
mA
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
1
A
Tstg
Storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature
150
°C
TL
Maximum soldering temperature
260
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Epoxy printed circuit board with recommended pad layout
SOD-123, SOT-23
500
°C/W
SOT-323, SOD-323
550
SOD-523, SOT-666
600
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25 °C
VR = 50 V
100
nA
VR = 70 V
10
µA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25 °C
IF = 1 mA
410
mV
IF = 10 mA
750
IF = 15 mA
1000
Table 5.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
Diode capacitance
VR = 0 V, F = 1 MHz
2
pF
RF
Differential forward
resistance
IF = 10 mA, F = 100 MHz
30
Ω
LS
Series inductance
1.5
nH


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
FutureWafer Tech Co.,Lt...
BAS70 FUTUREWAFER-BAS70 Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
114Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
logo
Weitron Technology
BAS70 WEITRON-BAS70 Datasheet
249Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
   Low forward and reverse recovery time
November 2016 Rev 3
logo
Micro Commercial Compon...
RB751S-40DP MCC-RB751S-40DP Datasheet
380Kb / 3P
   Low reverse current and low forward voltage
logo
Sangdest Microelectroni...
RB751S-40 SMC-RB751S-40 Datasheet
145Kb / 4P
   Low reverse current and low forward voltage
logo
Micro Commercial Compon...
RB520S-30DP MCC-RB520S-30DP Datasheet
425Kb / 3P
   Low Reverse Current and Low Forward Voltage
RB521S-30DP MCC-RB521S-30DP Datasheet
475Kb / 3P
   Low Reverse Current and Low Forward Voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
   Peak Repetitive Forward and Reverse Blocking
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
   Low Reverse Recovery Loss
MF200K06F3 MCC-MF200K06F3 Datasheet
511Kb / 4P
   Low Reverse Recovery Loss
logo
STMicroelectronics
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
   Low reverse recovery current
May 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com