Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4312C-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE4312C-Z
Description  UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4312C-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE4312C-Z Datasheet HTML 1Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4312C-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Page 1 of 13
Document No. DOC-81482-1 │ www.psemi.com
©2017 Peregrine Semiconductor Corp. All rights reserved.
Product Description
The PE4312 is a 50Ω, HaRP™ technology-enhanced 6-bit
RF Digital Step Attenuator (DSA) designed for use in 3G/4G
wireless infrastructure and other high performance RF
applications.
This DSA is a pin-compatible upgraded version of the
PE4302 with higher linearity, improved attenuation accuracy
and faster switching speed. An integrated digital control
interface supports both serial and parallel programming of
the attenuation, including the capability to program an initial
attenuation state at power-up.
Covering a 31.5 dB attenuation range in 0.5 dB steps, it
maintains high linearity and low power consumption from
1 MHz through 4 GHz. PE4312 also features an external
negative supply option, and is offered in a 20-lead 4 × 4 mm
QFN package. In addition, no external blocking capacitors
are required if 0 VDC is present on the RF ports.
The PE4312 is manufactured on Peregrine’s UltraCMOS®
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate.
Peregrine’s HaRP™ technology enhancements deliver high
linearity and excellent harmonics performance. It is an
innovative feature of the UltraCMOS® process, offering the
performance of GaAs with the economy and integration of
conventional CMOS.
Product Specification
UltraCMOS® RF Digital Step Attenuator
6-bit, 31.5 dB, 1 MHz–4 GHz
Figure 1. Functional Schematic Diagram
PE4312
Features
 Attenuation: 0.5 dB steps to 31.5 dB
 Safe attenuation state transitions
 Monotonicity: 0.5 dB up to 4 GHz
 High attenuation accuracy

±(0.10 + 1% x Atten) @ 1 GHz

±(0.15 + 2% x Atten) @ 2.2 GHz

±(0.15 + 8% x Atten) @ 4 GHz
 High linearity: +59 dBm IIP3
 Wide power supply range of 2.3–5.5V
 1.8V control logic compatible
 105 °C operating temperature
 Programming modes

Direct parallel

Latched parallel

Serial
 Unique power-up state selection

Pin compatible to PE4302, PE4305
and PE4306
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
6
3
2
Figure 2. Package Type
20-lead 4 × 4 mm QFN
DOC-02132


Similar Part No. - PE4312C-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
   MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
   PE4312
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
More results

Similar Description - PE4312C-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com