Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-3204 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # CQ-3204
Description  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3204 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button CQ-3204 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 13Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 14Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 15Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 16Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 17Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 18Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 19Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
[CQ-3204]
016008768-E-00
2016/07
- 17 -
14. Reliability Tests
Table 7. Test parameters and conditions of reliability tests.
No.
Test Parameter
Test Conditions
n
Test Time
1
High Humidity Bias Test
[JEITA EIAJ ED-4701 102]
Ta = 85C, 85%RH, continuous operation
22
1000h
2
High Temperature Bias Test
[JEITA EIAJ ED-4701 101]
Ta = 125C, continuous operation
22
1000h
3
High Temperature Storage Test
[JEITA EIAJ ED-4701 201]
Ta = 150C
22
1000h
4
Low Temperature Storage Test
[JEITA EIAJ ED-4701 202]
Ta = −65C
22
1000h
5
Heat Cycle Test
[JEITA EIAJ ED-4701 105]
−65C ↔150C
30min. ↔ 30min.
Tested in vapor phase
22
100 cycles
Tested samples are pretreated as below before each reliability test:
Desiccation: 125C/24h → Moisture Absorption: 60C/60%RH/120h → Reflow: 3 times (JEDEC Level2a)
Criteria:
Products whose drifts before and after the reliability tests do not exceed the values below are considered
to be in spec.
Sensitivity Vh (Ta=35C)
: Within ±1.5%
Zero-current output Voltage Vof (Ta=35C) : Within ±66mV
Linearity ρ (T
a=35C)
: Within ±1%F.S.
EEPROM data
: Unchanged


Similar Part No. - CQ-3204

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3200 AKM-CQ-3200 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Similar Description - CQ-3204

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com